Electronic Components Datasheet Search
  English  ▼

X  

BC856S Datasheet(PDF) 5 Page - NXP Semiconductors

Part # BC856S
Description  65 V, 100 mA PNP/PNP general-purpose transistor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BC856S Datasheet(HTML) 5 Page - NXP Semiconductors

  BC856S Datasheet HTML 1Page - NXP Semiconductors BC856S Datasheet HTML 2Page - NXP Semiconductors BC856S Datasheet HTML 3Page - NXP Semiconductors BC856S Datasheet HTML 4Page - NXP Semiconductors BC856S Datasheet HTML 5Page - NXP Semiconductors BC856S Datasheet HTML 6Page - NXP Semiconductors BC856S Datasheet HTML 7Page - NXP Semiconductors BC856S Datasheet HTML 8Page - NXP Semiconductors BC856S Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
BC856S_2
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 02 — 19 February 2009
5 of 12
NXP Semiconductors
BC856S
65 V, 100 mA PNP/PNP general-purpose transistor
7.
Characteristics
[1]
Pulse test: tp ≤ 300 µs; δ≤ 0.02.
Table 7.
Characteristics
Tamb =25 °C unless otherwise specified.
Symbol Parameter
Conditions
Min
Typ
Max
Unit
Per transistor
ICBO
collector-base cut-off
current
VCB = −30 V; IE =0A
-
-
−15
nA
VCB = −30 V; IE =0A;
Tj = 150 °C
--
−5
µA
IEBO
emitter-base cut-off
current
VEB = −5 V; IC =0A
-
-
−100
nA
hFE
DC current gain
VCE = −5 V; IC = −2 mA
110
-
-
VCEsat
collector-emitter
saturation voltage
IC = −10 mA;
IB = −0.5 mA
--
−100
mV
IC = −100 mA; IB = −5mA
[1] --
−300
mV
VBEsat
base-emitter
saturation voltage
IC = −10 mA;
IB = −0.5 mA
-
700
-
mV
VBE
base-emitter voltage
IC = −2 mA; VCE = −5V
−600
−650
−750
mV
IC = −10 mA; VCE = −5V
-
-
−820
mV
Cc
collector capacitance IE =ie =0A; VCB = −10 V;
f=1MHz
-
-
2.5
pF
fT
transition frequency
IC = −10 mA; VCE = −5V;
f = 100 MHz
100
-
-
MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com