Electronic Components Datasheet Search
  English  ▼

X  

BC856S Datasheet(PDF) 1 Page - NXP Semiconductors

Part # BC856S
Description  65 V, 100 mA PNP/PNP general-purpose transistor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BC856S Datasheet(HTML) 1 Page - NXP Semiconductors

  BC856S Datasheet HTML 1Page - NXP Semiconductors BC856S Datasheet HTML 2Page - NXP Semiconductors BC856S Datasheet HTML 3Page - NXP Semiconductors BC856S Datasheet HTML 4Page - NXP Semiconductors BC856S Datasheet HTML 5Page - NXP Semiconductors BC856S Datasheet HTML 6Page - NXP Semiconductors BC856S Datasheet HTML 7Page - NXP Semiconductors BC856S Datasheet HTML 8Page - NXP Semiconductors BC856S Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1.
Product profile
1.1 General description
PNP/PNP general-purpose transistor pair in a very small SOT363 (SC-88)
Surface-Mounted Device (SMD) plastic package.
1.2 Features
I Low collector capacitance
I Low collector-emitter saturation voltage
I Closely matched current gain
I Reduces number of components and board space
I No mutual interference between the transistors
1.3 Applications
I General-purpose switching and amplification
1.4 Quick reference data
2.
Pinning information
BC856S
65 V, 100 mA PNP/PNP general-purpose transistor
Rev. 02 — 19 February 2009
Product data sheet
Table 1.
Quick reference data
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Per transistor
VCEO
collector-emitter voltage
open base
-
-
−65
V
IC
collector current
-
-
−100
mA
hFE
DC current gain
VCE = −5V;
IC = −2mA
110
-
-
Table 2.
Pinning
Pin
Description
Simplified outline
Graphic symbol
1
emitter TR1
2
base TR1
3
collector TR2
4
emitter TR2
5
base TR2
6
collector TR1
13
2
4
5
6
sym018
2
1
3
5
6
TR1
TR2
4


Similar Part No. - BC856S

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BC856S PHILIPS-BC856S Datasheet
50Kb / 8P
PNP general purpose double transistor
1999 Aug 24
logo
Siemens Semiconductor G...
BC856S SIEMENS-BC856S Datasheet
42Kb / 6P
PNP Silicon AF Transistor Array (For AF input stages and driver applications High current gain Low collector-emitter saturation voltage)
logo
Infineon Technologies A...
BC856S INFINEON-BC856S Datasheet
58Kb / 6P
PNP Silicon AF Transistor Array
Nov-29-2001
logo
Diotec Semiconductor
BC856S DIOTEC-BC856S Datasheet
73Kb / 2P
Surface mount Si-Epitaxial PlanarTransistors
BC856S DIOTEC-BC856S Datasheet
108Kb / 2P
Surface Mount General Purpose Si-Epi-Planar Double-Transistors
More results

Similar Description - BC856S

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BC856BS NXP-BC856BS Datasheet
100Kb / 12P
65 V, 100 mA PNP/PNP general-purpose transistor
Rev. 01-11 August 2009
logo
Nexperia B.V. All right...
BC856BS NEXPERIA-BC856BS Datasheet
1Mb / 12P
65 V, 100 mA PNP/PNP general-purpose transistor
Rev. 01 - 11 August 2009
BC856BSH-Q NEXPERIA-BC856BSH-Q Datasheet
235Kb / 10P
65 V, 100 mA PNP/PNP general-purpose double transistor
6 May 2021
BC856BSH NEXPERIA-BC856BSH Datasheet
234Kb / 10P
65 V, 100 mA PNP/PNP general-purpose double transistor
22 March 2021
BC856S-Q NEXPERIA-BC856S-Q Datasheet
244Kb / 11P
65 V, 100 mA PNP/PNP general-purpose transistor
17 June 2021
BC856S NEXPERIA-BC856S Datasheet
241Kb / 11P
65 V, 100 mA PNP/PNP general-purpose transistor
1 July 2022
BC856XQB-Q_SER NEXPERIA-BC856XQB-Q_SER Datasheet
248Kb / 12P
65 V, 100 mA PNP general-purpose transistor
Rev. 1 - 22 September 2021
BC856XQB_SER NEXPERIA-BC856XQB_SER Datasheet
233Kb / 12P
65 V, 100 mA PNP general-purpose transistor
Rev. 1 - 22 September 2021
BC856XQC-Q_SER NEXPERIA-BC856XQC-Q_SER Datasheet
236Kb / 12P
65 V, 100 mA PNP general-purpose transistor
Rev. 1 - 23 September 2021
BC856XQC_SER NEXPERIA-BC856XQC_SER Datasheet
235Kb / 12P
65 V, 100 mA PNP general-purpose transistor
Rev. 1 - 23 September 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com