Electronic Components Datasheet Search
  English  ▼

X  

BC856S Datasheet(PDF) 7 Page - NXP Semiconductors

Part # BC856S
Description  65 V, 100 mA PNP/PNP general-purpose transistor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BC856S Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button BC856S Datasheet HTML 3Page - NXP Semiconductors BC856S Datasheet HTML 4Page - NXP Semiconductors BC856S Datasheet HTML 5Page - NXP Semiconductors BC856S Datasheet HTML 6Page - NXP Semiconductors BC856S Datasheet HTML 7Page - NXP Semiconductors BC856S Datasheet HTML 8Page - NXP Semiconductors BC856S Datasheet HTML 9Page - NXP Semiconductors BC856S Datasheet HTML 10Page - NXP Semiconductors BC856S Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
BC856S_2
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 02 — 19 February 2009
7 of 12
NXP Semiconductors
BC856S
65 V, 100 mA PNP/PNP general-purpose transistor
IC/IB =20
(1) Tamb = 150 °C
(2) Tamb =25 °C
(3) Tamb = −55 °C
VCE = −5 V; f = 1 MHz; Tamb =25 °C
Fig 8.
Per transistor: Collector-emitter saturation
voltage as a function of collector current;
typical values
Fig 9.
Per transistor: Transition frequency as a
function of collector current; typical values
006aab433
IC (mA)
−10−1
−103
−102
−1
−10
−10−1
−1
VCEsat
(V)
−10−2
(1)
(2)
(3)
006aab434
IC (mA)
−10−1
−102
−10
−1
108
109
fT
(Hz)
107



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com