Electronic Components Datasheet Search
  English  ▼

X  

AD7626 Datasheet(PDF) 17 Page - Analog Devices

Part # AD7626
Description  16-Bit, 10 MSPS, PulSAR Differential ADC
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7626 Datasheet(HTML) 17 Page - Analog Devices

Back Button AD7626 Datasheet HTML 13Page - Analog Devices AD7626 Datasheet HTML 14Page - Analog Devices AD7626 Datasheet HTML 15Page - Analog Devices AD7626 Datasheet HTML 16Page - Analog Devices AD7626 Datasheet HTML 17Page - Analog Devices AD7626 Datasheet HTML 18Page - Analog Devices AD7626 Datasheet HTML 19Page - Analog Devices AD7626 Datasheet HTML 20Page - Analog Devices AD7626 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 28 page
background image
AD7626
Rev. A | Page 17 of
TYPICAL CONNECTION DIAGRAM
AD7626
CREF
10µF1, 2
V+
ADR4348
ADR444
CONVERSION4
CONTROL
CMOS (CNV+ ONLY)
OR
LVDS CNV+ AND CNV–
USING 100
Ω
TERMINATION RESISTOR
DIGITAL INTERFACE SIGNALS
DIGITAL HOST
LVDS TRANSMIT AND RECEIVE
VDD1
VDD2
CAP1
REFIN
EN0
EN1
VDD2
24
23
22
21
20
19
18
GND
IN+
IN–
VCM
VDD1
VDD1
VDD2
10nF
100nF
100nF
10µF
ADR2808
VIO
10k
Ω3
10k
Ω
CONTROL FOR
ENABLE
PINS
VIO
(2.5V)
5
100
Ω
100
Ω
PADDLE
CAPACITOR ON OUTPUT
FOR STABILITY
10µF1
100nF
100nF
FERRITE
BEAD6
VDD1
(5V)
VDD2
(2.5V)
VDD1
(5V)
VDD2
(2.5V)
100nF
VDD2
(2.5V)
IN+
IN–
VCM
SEE THE DRIVING
THE AD7625 SECTION7
8
9
10
11
12
13
14
15
16
17
100
Ω
100
Ω
1
2
3
4
5
6
7
32
31
30
29
28
27
26
25
1 SEE THE LAYOUT, DECOUPLING, AND GROUNDING SECTION.
2 C
REF IS USUALLY A 10µF CERAMIC CAPACITOR WITH LOW ESR AND ESL.
3 USE PULL-UP OR PULL-DOWN RESISTORS TO CONTROL EN0 AND EN1 DURING POWER-UP. EN0 AND EN1 INPUTS CAN BE
FIXED IN HARDWARE OR CONTROLLED USING A DIGITAL HOST (EN0 = 0 AND EN1 = 0 PUTS THE ADC IN POWER-DOWN).
4 OPTION TO USE A CMOS (CNV+) OR LVDS (CNV±) INPUT TO CONTROL CONVERSIONS.
5 TO ENABLE SELF-CLOCKED MODE, TIE DCO+ TO GND.
6 CONNECT PIN 19 AND PIN 20 TO VDD1 SUPPLY; ISOLATE THE TRACE TO PIN 19 AND PIN 20 FROM THE TRACE TO PIN 1 USING A
FERRITE BEAD SIMILAR TO WURTH 74279266.
7 SEE THE DRIVING THE AD7626 SECTION FOR DETAILS ON AMPLIFIER CONFIGURATIONS.
8 SEE THE VOLTAGE REFERENCE OPTIONS SECTION FOR DETAILS.
Figure 31. Typical Application Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com