Electronic Components Datasheet Search
  English  ▼

X  

AD7626 Datasheet(PDF) 19 Page - Analog Devices

Part # AD7626
Description  16-Bit, 10 MSPS, PulSAR Differential ADC
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7626 Datasheet(HTML) 19 Page - Analog Devices

Back Button AD7626 Datasheet HTML 15Page - Analog Devices AD7626 Datasheet HTML 16Page - Analog Devices AD7626 Datasheet HTML 17Page - Analog Devices AD7626 Datasheet HTML 18Page - Analog Devices AD7626 Datasheet HTML 19Page - Analog Devices AD7626 Datasheet HTML 20Page - Analog Devices AD7626 Datasheet HTML 21Page - Analog Devices AD7626 Datasheet HTML 22Page - Analog Devices AD7626 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 28 page
background image
AD7626
Rev. A | Page 19 of
IN+
IN–
AD7626
VCM
53.6
Ω
GND
53.6
Ω
GND
50
Ω
R35
499
Ω
499
Ω
SINGLE-ENDED
ANALOG INPUT
AC-COUPLED
50
Ω SOURCE
499
Ω
C
499
Ω
20
Ω
20
Ω
GND
56pF
C22
0.1µF
C24
0.1µF
GND
56pF
GND
100nF
AD8031
C15
0.1µF
GND
GND
–2.5V
+7.25V
VDRV+
VCM
2
3
12
+IN
VOCM
–IN
PD
FB–
–OUT
+OUT
FB+
1
11
10
4
PAD
–VS
+VS
ADA4932-1
Figure 34. High Frequency Input Drive Circuit Using the ADA4932-1; Single-Ended-to Differential Configuration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com