Electronic Components Datasheet Search
  English  ▼

X  

AD7626 Datasheet(PDF) 20 Page - Analog Devices

Part # AD7626
Description  16-Bit, 10 MSPS, PulSAR Differential ADC
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7626 Datasheet(HTML) 20 Page - Analog Devices

Back Button AD7626 Datasheet HTML 16Page - Analog Devices AD7626 Datasheet HTML 17Page - Analog Devices AD7626 Datasheet HTML 18Page - Analog Devices AD7626 Datasheet HTML 19Page - Analog Devices AD7626 Datasheet HTML 20Page - Analog Devices AD7626 Datasheet HTML 21Page - Analog Devices AD7626 Datasheet HTML 22Page - Analog Devices AD7626 Datasheet HTML 23Page - Analog Devices AD7626 Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 28 page
background image
AD7626
Rev. A | Page 20 of 2
VOLTAGE REFERENCE OPTIONS
The AD7626 allows flexible options for creating and buffering
the reference voltage. The AD7626 conversions refer to 4.096 V
only. The various options creating this 4.096 V reference are
controlled by the EN1 and EN0 pins (see Table 8).
Table 8. Voltage Reference Options
Option
EN1
EN0
Reference Mode
A
1
1
Power-up
Internal reference and internal
reference buffer in use
B
0
1
External 1.2 V reference applied to
REFIN pin required
C
1
0
External 4.096 V reference applied to
REF pin required.
0
0
Power-down mode
AD7626
IN+
IN–
REF
REFIN
10µF
10µF
DECOUPLE THE REF AND
REFIN PINS EXTERNALLY.
EN1 = 1 AND EN0 = 1
POWER-UP—INTERNAL REFERENCE AND REFERENCE BUFFER IN USE.
NO EXTERNAL REFERENCE CIRCUITRY REQUIRED.
A
Figure 35. Powered Up, Internal Reference and Internal Reference Buffer
AD7626
IN+
IN–
REF
REFIN
10µF
10µF
EN1 = 0 AND EN0 = 1
EXTERNAL 1.2V REFERENCE CONNECTED TO REFIN PIN IS REQUIRED.
B
ADR280
V–
VOUT
V+
0.1µF
0.1µF
1.2V
(2.4V
≤ V+ ≥ 5.5V)
V+
CONNECT 1.2V EXTERNAL REFERENCE TO REFIN PIN.
1.2V REFIN INPUT IS BUFFERED INTERNALLY.
IT CREATES A 4.096V REFERENCE FOR THE ADC.
DECOUPLE THE REF AND REFIN PINS EXTERNALLY
Figure 36. External 1.2 V Reference Using Internal Reference Buffer
AD7626
IN+
IN–
REF
REFIN
EN1 = 1 AND EN0 = 0
EXTERNAL 4.096V REFERENCE CONNECTED TO REF PIN IS REQUIRED.
C
CONNECT BUFFERED 4.096V SIGNAL TO REF PIN.
DECOUPLE THE REF PIN EXTERNALLY.
REFIN IS A NO CONNECT.
NO CONNECT
10µF
10µF
ADR434/
ADR444
GND
VIN
VOUT
0.1µF
0.1µF
(6.1V
≤ VIN ≥ 18V)
4.096V
VIN
AD8031
V+
Figure 37. External 4.096 V Reference Applied to REF Pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com