Electronic Components Datasheet Search
  English  ▼

X  

OPA340MDREP Datasheet(PDF) 5 Page - Texas Instruments

Part # OPA340MDREP
Description  SINGLE-SUPPLY RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA340MDREP Datasheet(HTML) 5 Page - Texas Instruments

  OPA340MDREP Datasheet HTML 1Page - Texas Instruments OPA340MDREP Datasheet HTML 2Page - Texas Instruments OPA340MDREP Datasheet HTML 3Page - Texas Instruments OPA340MDREP Datasheet HTML 4Page - Texas Instruments OPA340MDREP Datasheet HTML 5Page - Texas Instruments OPA340MDREP Datasheet HTML 6Page - Texas Instruments OPA340MDREP Datasheet HTML 7Page - Texas Instruments OPA340MDREP Datasheet HTML 8Page - Texas Instruments OPA340MDREP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
TYPICAL CHARACTERISTICS
0.1
1
160
140
120
100
80
60
40
20
0
-20
0
-45
-90
-135
-180
Frequency(Hz)
10
100
1k
10k
100k
1M
10M
100
80
60
40
20
0
Frequency(Hz)
1
10
100
1k
10k
100k
1M
PSRR
CMRR
Frequency(Hz)
140
130
120
110
100
100
10
1k
10k
100k
G=1,AllChannels
10k
1k
100
10
1
1k
100
10
1
0.1
Frequency(Hz)
1
10
100
1k
10k
100k
1M
CurrentNoise
VoltageNoise
5k
4k
3k
2k
1k
0
Frequency(Hz)
10
100
1k
10k
100k
1M
10M
G=100
G=10
G=1
0.1
0.01
0.001
0.0001
Frequency(Hz)
20
100
1k
10k
20k
R =600
L
G=10
G=1
R =2kW
L
R =2kW
L
R =10kW
L
R =600
L
R =10kW
L
OPA340-EP
OPA2340-EP
OPA4340-EP
www.ti.com ................................................................................................................................................................................................ SBOS433 – AUGUST 2008
At TA = 25°C, VS = 5 V, and RL = 10 kΩ connected to VS/2 (unless otherwise noted)
OPEN-LOOP GAIN/PHASE
POWER-SUPPLY AND COMMON-MODE REJECTION
vs FREQUENCY
vs FREQUENCY
Figure 1.
Figure 2.
INPUT VOLTAGE AND CURRENT NOISE
SPECTRAL DENSITY vs FREQUENCY
CHANNEL SEPARATION vs FREQUENCY
Figure 3.
Figure 4.
TOTAL HARMONIC DISTORTION + NOISE
CLOSED-LOOP OUTPUT IMPEDANCE
vs FREQUENCY
vs FREQUENCY
Figure 5.
Figure 6.
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): OPA340-EP OPA2340-EP OPA4340-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com