Electronic Components Datasheet Search
  English  ▼

X  

OPA340MDREP Datasheet(PDF) 6 Page - Texas Instruments

Part # OPA340MDREP
Description  SINGLE-SUPPLY RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA340MDREP Datasheet(HTML) 6 Page - Texas Instruments

Back Button OPA340MDREP Datasheet HTML 2Page - Texas Instruments OPA340MDREP Datasheet HTML 3Page - Texas Instruments OPA340MDREP Datasheet HTML 4Page - Texas Instruments OPA340MDREP Datasheet HTML 5Page - Texas Instruments OPA340MDREP Datasheet HTML 6Page - Texas Instruments OPA340MDREP Datasheet HTML 7Page - Texas Instruments OPA340MDREP Datasheet HTML 8Page - Texas Instruments OPA340MDREP Datasheet HTML 9Page - Texas Instruments OPA340MDREP Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
130
120
110
100
90
80
Temperature( C)
°
-75
-50
-25
0
25
50
75
100
125
R =100kW
L
R =10kW
L
R =2kW
L
A
OL
PSRR
100
90
80
70
60
50
40
Temperature( C)
°
-75
-50
-25
0
25
50
75
100
125
V =5V,V
= -0.3Vto5.3V
S
CM
V =2.7V,V
= -0.3Vto3V
S
CM
V =2.7Vto5V,V
= -0.3Vto(V+) 1.8V
-
S
CM
SupplyVoltage(V)
800
750
700
650
600
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
PerAmplifier
1000
900
800
700
600
500
Temperature( C)
°
-75
-50
-25
0
25
50
75
100
125
PerAmplifier
Temperature( C)
°
100
90
80
70
60
50
40
30
20
10
0
-75
-50
-25
0
25
50
75
100
125
-ISC
+I
SC
SupplyVoltage(V)
60
50
40
30
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
+I
SC
-ISC
OPA340-EP
OPA2340-EP
OPA4340-EP
SBOS433 – AUGUST 2008 ................................................................................................................................................................................................ www.ti.com
TYPICAL CHARACTERISTICS (continued)
At TA = 25°C, VS = 5 V, and RL = 10 kΩ connected to VS/2 (unless otherwise noted)
OPEN-LOOP GAIN AND POWER-SUPPLY
REJECTION vs TEMPERATURE
COMMON-MODE REJECTION vs TEMPERATURE
Figure 7.
Figure 8.
QUIESCENT CURRENT vs TEMPERATURE
QUIESCENT CURRENT vs SUPPLY VOLTAGE
Figure 9.
Figure 10.
SHORT-CIRCUIT CURRENT vs TEMPERATURE
SHORT-CIRCUIT CURRENT vs SUPPLY VOLTAGE
Figure 11.
Figure 12.
6
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): OPA340-EP OPA2340-EP OPA4340-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com