Electronic Components Datasheet Search
  English  ▼

X  

OPA340MDREP Datasheet(PDF) 9 Page - Texas Instruments

Part # OPA340MDREP
Description  SINGLE-SUPPLY RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA340MDREP Datasheet(HTML) 9 Page - Texas Instruments

Back Button OPA340MDREP Datasheet HTML 5Page - Texas Instruments OPA340MDREP Datasheet HTML 6Page - Texas Instruments OPA340MDREP Datasheet HTML 7Page - Texas Instruments OPA340MDREP Datasheet HTML 8Page - Texas Instruments OPA340MDREP Datasheet HTML 9Page - Texas Instruments OPA340MDREP Datasheet HTML 10Page - Texas Instruments OPA340MDREP Datasheet HTML 11Page - Texas Instruments OPA340MDREP Datasheet HTML 12Page - Texas Instruments OPA340MDREP Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
APPLICATION INFORMATION
Rail-to-Rail Input
V =+5,G=+1,R =10kW
S
L
5
5
0
V
IN
V
OUT
Operating Voltage
OPA340-EP
OPA2340-EP
OPA4340-EP
www.ti.com ................................................................................................................................................................................................ SBOS433 – AUGUST 2008
apply from –55°C to 125°C. Most behavior remains
OPA340 series operational amplifiers are fabricated
nearly
unchanged
throughout
the
full
operating
on a state-of-the-art 0.6-micron CMOS process. They
voltage range. Parameters that vary significantly with
are unity-gain stable and suitable for a wide range of
operating voltages or temperature are shown in
general-purpose applications. Rail-to-rail input/output
Typical Characteristics.
make them ideal for driving sampling A/D converters.
In addition, excellent ac performance makes them
well-suited for audio applications. The class AB
output stage is capable of driving 600-
Ω loads
The input common-mode voltage range of the
connected to any point between V+ and ground.
OPA340 series extends 500 mV beyond the supply
rails. This is achieved with a complementary input
Rail-to-rail
input
and
output
swing
significantly
stage—an N-channel input differential pair in parallel
increases dynamic range, especially in low-supply
with a P-channel differential pair (as shown in
applications. Figure 23 shows the input and output
Figure 24). The N-channel pair is active for input
waveforms
for
the
OPA340
in
unity-gain
voltages
close
to
the
positive
rail,
typically
configuration. Operation is from a single 5-V supply
(V+) – 1.3 V to 500 mV above the positive supply,
with a 10-k
Ω load connected to VS/2. The input is a
while the P-channel pair is on for inputs from 500 mV
5-VPP sinusoid. Output voltage is approximately
below
the
negative
supply
to
approximately
4.98 VPP.
(V+) – 1.3 V. There is a small transition region,
typically (V+) – 1.5 V to (V+) – 1.1 V, in which both
Power-supply pins should be bypassed with 0.01-
µF
pairs are on. This 400-mV transition region can vary
ceramic capacitors.
±300 mV with process variation. Thus, the transition
region (both stages on) can range from (V+) – 1.8 V
to (V+) – 1.4 V on the low end, up to (V+) – 1.2 V to
(V+) – 0.8 V on the high end.
OPA340
series
operational
amplifiers
are
laser-trimmed to reduce the offset voltage difference
between the N-channel and P-channel input stages,
resulting in improved common-mode rejection and a
smooth transition between the N-channel pair and the
P-channel pair. However, within the 400-mV transition
region PSRR, CMRR, offset voltage, offset drift, and
THD may be degraded compared to operation
outside this region.
A double-folded cascode adds the signal from the two
input pairs and presents a differential signal to the
Figure 23. Rail-to-Rail Input and Output
class AB output stage. Normally, input bias current is
approximately
200
fA;
however,
input
voltages
exceeding the power supplies by more than 500 mV
can cause excessive current to flow in or out of the
OPA340
series
operational
amplifiers
are
fully
input pins. Momentary voltages greater than 500 mV
specified from 2.7 V to 5 V. Parameters are ensured
beyond the power supply can be tolerated if the
over the specified supply range—a unique feature of
current on the input pins is limited to 10 mA. This is
the OPA340 series. In addition, many specifications
easily accomplished with an input resistor, as shown
in Figure 25. Many input signals are inherently
current-limited to less than 10 mA; therefore, a
limiting resistor is not required.
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s): OPA340-EP OPA2340-EP OPA4340-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com