Electronic Components Datasheet Search
  English  ▼

X  

TMS320DM6437 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320DM6437
Description  Digital Media Processor
PDF  305 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320DM6437 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TMS320DM6437 Datasheet HTML 2Page - Texas Instruments TMS320DM6437 Datasheet HTML 3Page - Texas Instruments TMS320DM6437 Datasheet HTML 4Page - Texas Instruments TMS320DM6437 Datasheet HTML 5Page - Texas Instruments TMS320DM6437 Datasheet HTML 6Page - Texas Instruments TMS320DM6437 Datasheet HTML 7Page - Texas Instruments TMS320DM6437 Datasheet HTML 8Page - Texas Instruments TMS320DM6437 Datasheet HTML 9Page - Texas Instruments TMS320DM6437 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 305 page
background image
Contents
TMS320DM6437
Digital Media Processor
SPRS345D – NOVEMBER 2006 – REVISED JUNE 2008
www.ti.com
1
TMS320DM6437 Digital Media Processor
........... 1
6
Peripheral Information and Electrical
Specifications
......................................... 162
1.1
Features
.............................................. 1
6.1
Parameter Information
............................. 162
1.2
Description
............................................ 3
6.2
Recommended Clock and Control Signal Transition
1.3
Functional Block Diagram
............................ 5
Behavior
............................................ 163
Revision History
............................................... 7
6.3
Power Supplies
.................................... 163
2
Device Overview
......................................... 8
6.4
Enhanced Direct Memory Access (EDMA3)
2.1
Device Characteristics
................................ 8
Controller
........................................... 170
2.2
CPU (DSP Core) Description
......................... 9
6.5
Reset
............................................... 183
2.3
C64x+ CPU
.......................................... 12
6.6
External Clock Input From MXI/CLKIN Pin
........ 192
2.4
Memory Map Summary
............................. 13
6.7
Clock PLLs
......................................... 194
2.5
Pin Assignments
.................................... 17
6.8
Interrupts
........................................... 200
2.6
Terminal Functions
.................................. 25
6.9
External Memory Interface (EMIF)
................. 203
2.7
Device Support
...................................... 70
6.10
Video Processing Sub-System (VPSS) Overview
. 211
2.8
Device and Development-Support Tool
6.11
Universal Asynchronous Receiver/Transmitter
Nomenclature
....................................... 70
(UART)
............................................. 234
2.9
Documentation Support
............................. 72
6.12
Inter-Integrated Circuit (I2C)
....................... 237
3
Device Configurations
................................. 73
6.13
Host-Port Interface (HPI) Peripheral
............... 241
3.1
System Module Registers
........................... 73
6.14
Multichannel Buffered Serial Port (McBSP)
........ 246
3.2
Power Considerations
............................... 74
6.15
Multichannel Audio Serial Port (McASP0)
Peripheral
.......................................... 256
3.3
Clock Considerations
................................ 77
6.16
High-End Controller Area Network Controller
3.4
Boot Sequence
...................................... 80
(HECC)
............................................. 264
3.5
Configurations At Reset
............................. 92
6.17
Ethernet Media Access Controller (EMAC)
........ 270
3.6
Configurations After Reset
.......................... 95
6.18
Management Data Input/Output (MDIO)
.......... 277
3.7
Multiplexed Pin Configurations
...................... 99
6.19
Timers
.............................................. 278
3.8
Device Initialization Sequence After Reset
........ 152
6.20
Peripheral Component Interconnect (PCI)
......... 281
3.9
Debugging Considerations
......................... 154
6.21
Pulse Width Modulator (PWM)
..................... 287
4
System Interconnect
................................. 156
6.22
VLYNQ
............................................. 289
4.1
System Interconnect Block Diagram
............... 156
6.23
General-Purpose Input/Output (GPIO)
............. 293
5
Device Operating Conditions
....................... 158
6.24
IEEE 1149.1 JTAG
................................. 297
5.1
Absolute Maximum Ratings Over Operating
7
Mechanical Data
....................................... 299
Temperature Range (Unless Otherwise Noted)
... 158
7.1
Thermal Data for ZWT
............................. 299
5.2
Recommended Operating Conditions
............. 159
5.3
Electrical Characteristics Over Recommended
7.1.1
Thermal Data for ZDU
............................. 300
Ranges of Supply Voltage and Operating
7.1.2
Packaging Information
............................. 300
Temperature (Unless Otherwise Noted)
........... 160
Contents
6
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com