Electronic Components Datasheet Search
  English  ▼

X  

TMS320DM6437 Datasheet(PDF) 71 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320DM6437
Description  Digital Media Processor
PDF  305 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320DM6437 Datasheet(HTML) 71 Page - Texas Instruments

Back Button TMS320DM6437 Datasheet HTML 67Page - Texas Instruments TMS320DM6437 Datasheet HTML 68Page - Texas Instruments TMS320DM6437 Datasheet HTML 69Page - Texas Instruments TMS320DM6437 Datasheet HTML 70Page - Texas Instruments TMS320DM6437 Datasheet HTML 71Page - Texas Instruments TMS320DM6437 Datasheet HTML 72Page - Texas Instruments TMS320DM6437 Datasheet HTML 73Page - Texas Instruments TMS320DM6437 Datasheet HTML 74Page - Texas Instruments TMS320DM6437 Datasheet HTML 75Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 305 page
background image
C64x+™ DSP:
DM6437
DM6435
DM6433
DM6431
PREFIX
TMS
320
DM6437
ZWT
TMX=Experimentaldevice
TMS=Qualifieddevice
DEVICEFAMILY
320= TMS320™ DSP Family
PACKAGE TYPE(A)
ZWT =361-pinplasticBGA,withPb-Freesolderedballs
ZDU=376-pinplasticBGA,withPb-Freesolderedballs[Green]
DEVICE
A.BGA =BallGrid Array
B.For “TMX” initialdevices,thedevicenumberisDM6437.
C.Notallcombinationsareavailable.Formoreinformation,seethe
tableinthePackingInformationsection.
D. ThemaximumCPUfrequencyforthe-Q6deviceis660MHz.Seethe
sectionformaximumoperating
frequenciesofthePLL1controller.
OrderableDevices
PLL1andPLL2
E. ThedevicespeedrangesymbolizationindicatesthemaximumCPUfrequencywhenthecorevoltage(CV
)issetto1.2V.
TodeterminethemaximumCPUfrequencythecorevoltageissetto1.05V,refertothe
section.
DD
PLL1andPLL2
DEVICESPEEDRANGE
()
4=400MHz
5=500MHz
6=600MHz
7=700MHz
L =LowPowerDevice
(D)
TEMPERATURERANGE(JUNCTION)
()
()
SILICONREVISION:
Blank=Revision1.3
Blank
=0°Cto90°C,CommercialGrade
Q
=-40°Cto125°C, AutomotiveGrade
R
= 0°Cto90°C,CommercialGrade(TapeandReel)
S
=-40°Cto125°C, AutomotiveGrade(TapeandReel)
TMS320DM6437
Digital Media Processor
www.ti.com
SPRS345D – NOVEMBER 2006 – REVISED JUNE 2008
Predictions show that prototype devices (TMX or TMP) have a greater failure rate than the standard
production devices. Texas Instruments recommends that these devices not be used in any production
system because their expected end-use failure rate still is undefined. Only qualified production devices are
to be used.
TI device nomenclature also includes a suffix with the device family name. This suffix indicates the
package type (for example, ZWT), the temperature range (for example, "Blank" is the commercial
temperature range), and the device speed range in megahertz (for example, "6" indicates [600-MHz]).
Figure 2-10 provides a legend for reading the complete device name for any TMS320DM643x DMP
platform member.
Figure 2-10. Device Nomenclature
Submit Documentation Feedback
Device Overview
71



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com