Electronic Components Datasheet Search
  English  ▼

X  

TMS320DM6437 Datasheet(PDF) 82 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320DM6437
Description  Digital Media Processor
PDF  305 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320DM6437 Datasheet(HTML) 82 Page - Texas Instruments

Back Button TMS320DM6437 Datasheet HTML 78Page - Texas Instruments TMS320DM6437 Datasheet HTML 79Page - Texas Instruments TMS320DM6437 Datasheet HTML 80Page - Texas Instruments TMS320DM6437 Datasheet HTML 81Page - Texas Instruments TMS320DM6437 Datasheet HTML 82Page - Texas Instruments TMS320DM6437 Datasheet HTML 83Page - Texas Instruments TMS320DM6437 Datasheet HTML 84Page - Texas Instruments TMS320DM6437 Datasheet HTML 85Page - Texas Instruments TMS320DM6437 Datasheet HTML 86Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 305 page
background image
TMS320DM6437
Digital Media Processor
SPRS345D – NOVEMBER 2006 – REVISED JUNE 2008
www.ti.com
Table 3-6. Fixed-Multiplier Fastboot Modes (FASTBOOT = 1, AEM[2:0] = 001b)
DEVICE BOOT AND
PLLC1 CLOCK SETTING AT BOOT
CONFIGURATION PINS
DM6437 DMP
DSPBOOTADDR
BOOT DESCRIPTION(1)
DEVICE
(Master/Slave)
(DEFAULT)(1)
PLL
CLKDIV1 DOMAIN
BOOTMODE[3:0]
PCIEN
FREQUENCY
MODE(2)
(SYSCLK1 DIVIDER)
(SYSCLK1)
0000
0 or 1
No Boot (Emulation Boot)
Master
Bypass
/1
CLKIN
0x0010 0000
HPI Boot with PLL
0
Slave
x27
/2
CLKIN x27 / 2
0x0010 0000
Multiplier x27 at boot
0001
1
Reserved
–
–
–
–
–
HPI Boot with PLL
0
Slave
x20
/2
CLKIN x20 / 2
0x0010 0000
Multiplier x20 at boot
0010
1
Reserved
–
–
–
–
–
HPI Boot with PLL
0
Slave
x15
/2
CLKIN x15 / 2
0x0010 0000
Multiplier x15 at boot
0011
1
Reserved
–
–
–
–
–
EMIFA ROM FASTBOOT
0100
0 or 1
with Application Image
Master
x20
/2
CLKIN x20 / 2
0x0010 000
Script (AIS)
I2C Boot
0101
0 or 1
Master
x20
/2
CLKIN x20 / 2
0x0010 0000
[FAST MODE](3)
16-bit SPI Boot
0110
0 or 1
Master
x20
/2
CLKIN x20 / 2
0x0010 0000
[McBSP0]
0111
0 or 1
NAND Flash Boot
Master
x20
/2
CLKIN x20 / 2
0x0010 0000
UART Boot without
1000
0 or 1
Hardware Flow Control
Master
x20
/2
CLKIN x20 / 2
0x0010 0000
[UART0]
EMIFA ROM FASTBOOT
1001
0 or 1
Master
x20
/2
CLKIN x20 / 2
0x0010 0000
without AIS
1010
0 or 1
VLYNQ Boot
Slave
x20
/2
CLKIN x20 / 2
0x0010 0000
1011
0 or 1
Reserved
–
–
–
–
–
1100
0 or 1
Reserved
–
–
–
–
–
1101
0 or 1
Reserved
–
–
–
–
–
UART Boot with
1110
0 or 1
Hardware Flow Control
Master
x20
/2
CLKIN x20 / 2
0x0010 0000
[UART0]
24-bit SPI Boot
1111
0 or 1
Master
x20
/2
CLKIN x20 / 2
0x0010 0000
(McBSP0 + GP[97])
(1)
For all boot modes that default to DSPBOOTADDR = 0x0010 0000, the bootloader code disables all C64x+ cache (L2, L1P, and L1D)
so that upon exit from the bootloader code, all C64x+ memories are configured as all RAM. If cache use is required, the application
code must explicitly enable the cache. For more information on the bootloader, see the Using the TMS320DM643x Bootloader
Application Report (literature number SPRAAG0).
(2)
The PLL MODE for Fixed-Multiplier Fastboot Modes is fixed as shown in this table; therefore, the PLLMS[2:0] configuration pins have no
effect on the PLL MODE.
(3)
I2C Boot (BOOTMODE[3:0] = 0101b) is only available if the MXI/CLKIN frequency is between 21 MHz to 30 MHz. I2C Boot is not
available for MXI/CLKIN frequencies less than 21 MHz.
82
Device Configurations
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com