Electronic Components Datasheet Search
  English  ▼

X  

TMS320DM6437 Datasheet(PDF) 104 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320DM6437
Description  Digital Media Processor
PDF  305 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320DM6437 Datasheet(HTML) 104 Page - Texas Instruments

Back Button TMS320DM6437 Datasheet HTML 100Page - Texas Instruments TMS320DM6437 Datasheet HTML 101Page - Texas Instruments TMS320DM6437 Datasheet HTML 102Page - Texas Instruments TMS320DM6437 Datasheet HTML 103Page - Texas Instruments TMS320DM6437 Datasheet HTML 104Page - Texas Instruments TMS320DM6437 Datasheet HTML 105Page - Texas Instruments TMS320DM6437 Datasheet HTML 106Page - Texas Instruments TMS320DM6437 Datasheet HTML 107Page - Texas Instruments TMS320DM6437 Datasheet HTML 108Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 305 page
background image
TMS320DM6437
Digital Media Processor
SPRS345D – NOVEMBER 2006 – REVISED JUNE 2008
www.ti.com
Table 3-19. PINMUX0 Register Descriptions (continued)
Bit
Field Name
Description
Pins Controlled
8-bit EMIFA (Async) Pinout Mode 1 Address Width Select or Fast Boot PLL
Multiplier Select
This field serves two purposes:
1.
If AEM = 001b, this field serves as the 8-bit EMIFA (Async) Pinout Mode 1
Address Width Select.
2.
If FASTBOOT = 1 and AEM = 0 (000b), 3 (011b), 4 (100b), or 5 (101b), this
field serves as the Fastboot PLL Multiplier Select.
Fastboot PLL Multiplier Select: For more details on the AEAW pin functions as
Fastboot PLL Multiplier Select, see Section 3.4.1, Bootmodes.
EMIFA Address Width Select:
Sub-Block 0
000b = EMIFA (Async) pinout supports only EM_A[12:0] address pins.
EMIFA (Async) signals EM_A[20:13] are not pinned out. PINMUX bit fields
CI7(CCD15)/EM_A[13]/AD25/EM_D[0]/GP[51]
PCIEN, CI76SEL, CI54SEL, CI32SEL, and CI10SEL determine the function of
CI6(CCD14)/EM_A[14]/AD27/EM_D[1]/GP[50]
these 8 pins.
CI5(CCD13)/EM_A[15]/AD29/EM_D[2]/GP[49]
CI4(CCD12)/EM_A[16]/PGNT/EM_D[3]/GP[48]
001b = EMIFA (Async) pinout supports only EM_A[14:0] address pins.
CI3(CCD11)/EM_A[17]/AD31/EM_D[4]/GP[47]
EMIFA (Async) signals EM_A[14:13] are pinned out. PINMUX0 bit field CI76SEL
18:16
AEAW(2)
CI2(CCD10)/EM_A[18]/PRST/EM_D[5]/GP[46]
must be programmed to 0.
CI1(CCD9)/EM_A[19]/PREQ/EM_D[6]/GP[45]
EMIFA (Async) signals EM_A[20:15] are not pinned out. PINMUX0 bit fields
CI0(CCD8)/EM_A[20]/PINTA/EM_D[7]/GP[44]
CI54SEL, CI32SEL, and CI10SEL determine the function of these 6 pins.
The combination of PINMUX0/1 fields PCIEN,
010b = EMIFA (Async) pinout supports only address pins EM_A[16:0].
AEM, AEAW, CI10SEL, CI32SEL, CI54SEL,
EMIFA (Async) signals EM_A[16:13] are pinned out. PINMUX0 bit fields CI76SEL
and CI76SEL control the muxing of these 8
and CI54SEL must be programmed to 0.
pins. (1)
EMIFA (Async) signals EM_A[20:17] are not pinned out. PINMUX0 bit fields
CI32SEL and CI10SEL determine the function of these 4 pins.
011b = EMIFA (Async) pinout supports only address pins EM_A[18:0].
EMIFA (Async) signals EM_A[18:13] are pinned out. PINMUX0 bit fields
CI76SEL, CI54SEL, and CI32SEL must be programmed to 0.
EMIFA (Async) signals EM_A[20:19] are not pinned out. PINMUX0 bit field
CI10SEL determines the function of these 2 pins.
100b = EMIFA (Async) pinout supports address pins EM_A[20:0].
EMIFA (Async) signals EM_A[20:13] are pinned out. PINMUX0 bit fields
CI76SEL, CI54SEL, CI32SEL, and CI10SEL must be programmed to 0.
101b through 111b = Reserved.
VPBE Clock Select.
Sub-Block 1
0 = GPIO (default)
VPBECLK/GP[30]
15
VPBECKEN
Pin functions as GPIO (GP[30]).
The PINMUX0 field VPBECKEN alone controls
1 = VPBE Clock (VPBECLK)
the muxing of this pin.
Pin functions as VPBE Clock (VPBECLK).
VENC RGB Mode and LCD_FIELD Select.
000b = No VENC RGB Mode or LCD_FIELD supported.
These pins function as GPIO and/or EMIFA based on AEM setting (default).
001b = LCD_FIELD Mode.
Sub-Block 1
VENC LCD_FIELD pin function is supported. The remaining 7 pins function as
GPIO and/or EMIFA based on AEM setting.
G0/EM_CS2/GP[12]
Applicable only if AEM = 0 (000b), 4 (100b), or 5 (101b).
B0/LCD_FIELD/EM_A[3]/GP[11]
R0/EM_A[4]/GP[10]/(AEAW2/PLLMS2)
010b = RGB666 Mode.
G1/EM_A[1]/(ALE)/GP[9]/AEAW1/PLLMS1)
VENC RGB666 pins (R2, B2) are supported, along with 6 GPIO pins (GP[12:7]).
14:12
RGBSEL
B1/EM_A[2]/(CLE)/GP[8]/(AEAW0/PLLMS0)
Applicable only if AEM = 0 (000b).
R1/EM_A[0]/GP[7]/(AEM2)
R2/EM_BA[0]/GP[6]/(AEM1)
011b = RGB666 + LCD_FIELD Mode.
B2/EM_BA[1]/GP[5]/(AEM0)
VENC RGB666 (R2, B2) and LCD_FIELD pins are supported, along with 5 GPIO
pins (GP[12] and GP[10:7]).
The combination of PINMUX0 fields RGBSEL
Applicable only if AEM = 0 (000b).
and AEM, control the muxing of these 8 pins. (1)
100b = RGB888 Mode.
VENC RGB888 (G0, B0, R0, G1, B1, R1, R2, B2) pins are supported.
Applicable only if AEM = 0 (000b).
101b through 111b = Reserved.
(2)
The AEAW default value is latched at reset from AEAW[2:0] configuration inputs. The latched values are also shown at
BOOTCFG.PLLMS (read-only).
Device Configurations
104
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com