Electronic Components Datasheet Search
  English  ▼

X  

TMS320DM6437 Datasheet(PDF) 111 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320DM6437
Description  Digital Media Processor
PDF  305 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320DM6437 Datasheet(HTML) 111 Page - Texas Instruments

Back Button TMS320DM6437 Datasheet HTML 107Page - Texas Instruments TMS320DM6437 Datasheet HTML 108Page - Texas Instruments TMS320DM6437 Datasheet HTML 109Page - Texas Instruments TMS320DM6437 Datasheet HTML 110Page - Texas Instruments TMS320DM6437 Datasheet HTML 111Page - Texas Instruments TMS320DM6437 Datasheet HTML 112Page - Texas Instruments TMS320DM6437 Datasheet HTML 113Page - Texas Instruments TMS320DM6437 Datasheet HTML 114Page - Texas Instruments TMS320DM6437 Datasheet HTML 115Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 111 / 305 page
background image
3.7.3
Pin Multiplexing Details
3.7.3.1 Multiplexed Pins on DM6437
TMS320DM6437
Digital Media Processor
www.ti.com
SPRS345D – NOVEMBER 2006 – REVISED JUNE 2008
This section discusses how to program each Pin Mux Block to select the desired peripheral functions.
The following steps can be used to determine pin muxing suitable for the application:
1. Understand the major configuration choices available for the specific application.
a.
Device Major Configuration Choices: Figure 3-11 shown in Section 3.7, Multiplexed Pin
Configurations, provides a high-level view of the device pin muxing and can be used to determine
the possible mix of peripheral options for a specific application.
b.
EMIFA/VPSS Block Major Configuration Choices: The EMIFA/VPSS block features extensive pin
multiplexing to accommodate a variety of applications. In addition to Figure 3-11, Section 3.7.3.13,
EMIFA/VPSS Block Muxing, provides more details on the Major Configuration choices for this
block.
2. See Section 3.7.3.1, Multiplexed Pins on DM6437, for a summary of all the multiplexed pins on this
device and the pin mux group they belong to.
3. Refer to the individual pin mux sections (Section 3.7.3.3, Host Block Muxing to Section 3.7.3.13,
EMIFA/VPSS Block Muxing) for pin muxing details for a specific pin mux block.
a.
For peripherals that span multiple pin mux blocks, the user must select the appropriate pins for that
peripheral in all relevant pin mux blocks. For more details, see Section 3.7.3.2, Peripherals
Spanning Multiple Pin Mux Blocks.
For details on PINMUX0 and PINMUX1 registers, see Section 3.7.2.
Table 3-21 summarizes all of the multiplexed pins on DM6437, the pin mux group for each pin, and the
PINMUX register fields that control the pin. For pin mux details, see the specific pin mux group section
(Section 3.7.3.3, Host Block Muxing to Section 3.7.3.13, EMIFA/VPSS Block Muxing). For a description of
the PINMUX register fields, see Section 3.7.2.
Table 3-21. Multiplexed Pins on DM6437
SIGNAL
PINMUX DESCRIPTION
ZWT
ZDU
NAME
PINMUX GROUP
CONTROLLED BY PINMUX BIT FIELDS
NO.
NO.
PCLK/GP[54]
A14
A18
EMIFA/VPSS Sub-Block 0
CCDCSEL
VD/GP[53]
A13
A17
EMIFA/VPSS Sub-Block 0
HVDSEL
HD/GP[52]
A15
A19
EMIFA/VPSS Sub-Block 0
HVDSEL
CI7(CCD15)/EM_A[13]/AD25/
B10
A12
EMIFA/VPSS Sub-Block 0
PCIEN, AEM, AEAW, CI76SEL
EM_D[0]/GP[51]
CI6(CCD14)/EM_A[14]/AD27/
A10
A13
EMIFA/VPSS Sub-Block 0
PCIEN, AEM, AEAW, CI76SEL
EM_D[1]/GP[50]
CI5(CCD13)/EM_A[15]/AD29/
B11
C13
EMIFA/VPSS Sub-Block 0
PCIEN, AEM, AEAW, CI54SEL
EM_D[2]/GP[49]
CI4(CCD12)/EM_A[16]/PGNT/
C11
B13
EMIFA/VPSS Sub-Block 0
PCIEN, AEM, AEAW, CI54SEL
EM_D[3]/GP[48]
CI3(CCD11)/EM_A[17]/AD31/
A11
B14
EMIFA/VPSS Sub-Block 0
PCIEN, AEM, AEAW, CI32SEL
EM_D[4]/GP[47]
CI2(CCD10)/EM_A[18]/PRST/
D11
A14
EMIFA/VPSS Sub-Block 0
PCIEN, AEM, AEAW, CI32SEL
EM_D[5]/GP[46]
CI1(CCD9)/EM_A[19]/PREQ/
B12
C14
EMIFA/VPSS Sub-Block 0
PCIEN, AEM, AEAW, CI10SEL
EM_D[6]/GP[45]
CI0(CCD8)/EM_A[20]/PINTA/
C12
C15
EMIFA/VPSS Sub-Block 0
PCIEN, AEM, AEAW, CI10SEL
EM_D[7]/GP[44]
YI7(CCD7)/GP[43]
A12
A15
EMIFA/VPSS Sub-Block 0
CCDCSEL
YI6(CCD6)/GP[42]
B13
B15
EMIFA/VPSS Sub-Block 0
CCDCSEL
YI5(CCD5)/GP[41]
C13
B16
EMIFA/VPSS Sub-Block 0
CCDCSEL
Submit Documentation Feedback
Device Configurations
111



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com