Electronic Components Datasheet Search
  English  ▼

X  

BLF147 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # BLF147
Description  VHF power MOS transistor
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BLF147 Datasheet(HTML) 2 Page - NXP Semiconductors

  BLF147 Datasheet HTML 1Page - NXP Semiconductors BLF147 Datasheet HTML 2Page - NXP Semiconductors BLF147 Datasheet HTML 3Page - NXP Semiconductors BLF147 Datasheet HTML 4Page - NXP Semiconductors BLF147 Datasheet HTML 5Page - NXP Semiconductors BLF147 Datasheet HTML 6Page - NXP Semiconductors BLF147 Datasheet HTML 7Page - NXP Semiconductors BLF147 Datasheet HTML 8Page - NXP Semiconductors BLF147 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
NXP Semiconductors
Product specification
VHF power MOS transistor
BLF147
FEATURES
• High power gain
• Low intermodulation distortion
• Easy power control
• Good thermal stability
• Withstands full load mismatch.
APPLICATIONS
• Industrial and military applications in the HF/VHF
frequency range.
DESCRIPTION
Silicon N-channel enhancement mode vertical D-MOS
transistor encapsulated in a 4-lead, SOT121B flange
package with a ceramic cap. All leads are isolated from the
flange. A marking code, showing gate-source voltage
(VGS) information is provided for matched pair
applications. Refer to the “General” section of the
handbook for further information.
PINNING - SOT121B
CAUTION
This product is supplied in anti-static packing to prevent
damage caused by electrostatic discharge during
transport and handling. For further information, refer to
Philips specs.: SNW-EQ-608, SNW-FQ-302A, and
SNW-FQ-302B.
PIN
DESCRIPTION
1
drain
2
source
3
gate
4
source
Fig.1 Simplified outline and symbol.
handbook, halfpage
s
d
g
MAM267
14
3
2
QUICK REFERENCE DATA
RF performance at Th = 25 °C in a common source test circuit.
MODE OF
OPERATION
f
(MHz)
VDS
(V)
PL
(W)
Gp
(dB)
η
D
(%)
d3
(dB)
d5
(dB)
SSB, class-AB
28
28
150 (PEP)
>17
>35
<−30
<−30
CW, class-B
108
28
150
typ. 14
typ. 70
−−
WARNING
Product and environmental safety - toxic materials
This product contains beryllium oxide. The product is entirely safe provided that the BeO disc is not damaged.
All persons who handle, use or dispose of this product should be aware of its nature and of the necessary safety
precautions. After use, dispose of as chemical or special waste according to the regulations applying at the location of
the user. It must never be thrown out with the general or domestic waste.
Rev. 06 - 5 December 2006
2 of 15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com