Electronic Components Datasheet Search
  English  ▼

X  

BLF147 Datasheet(PDF) 12 Page - NXP Semiconductors

Part # BLF147
Description  VHF power MOS transistor
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BLF147 Datasheet(HTML) 12 Page - NXP Semiconductors

Back Button BLF147 Datasheet HTML 7Page - NXP Semiconductors BLF147 Datasheet HTML 8Page - NXP Semiconductors BLF147 Datasheet HTML 9Page - NXP Semiconductors BLF147 Datasheet HTML 10Page - NXP Semiconductors BLF147 Datasheet HTML 11Page - NXP Semiconductors BLF147 Datasheet HTML 12Page - NXP Semiconductors BLF147 Datasheet HTML 13Page - NXP Semiconductors BLF147 Datasheet HTML 14Page - NXP Semiconductors BLF147 Datasheet HTML 15Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 12 / 15 page
background image
NXP Semiconductors
Product specification
VHF power MOS transistor
BLF147
BLF147 scattering parameters
VDS = 28 V; ID = 1000 mA; note 1
Note
1. For more extensive S-parameters see internet:
http://www.semiconductors.philips.com/markets/communications/wirelesscommunications/broadcast.
f (MHz)
s11
s21
s12
s22
|s11|
∠Φ
|s21|
∠Φ
|s12|
∠Φ
|s22|
∠Φ
5
0.91
−170.00
23.90
93.40
0.01
5.80
0.88
−171.20
10
0.91
−174.60
12.25
89.40
0.01
3.60
0.89
−177.20
20
0.92
−177.40
5.94
81.00
0.01
5.40
0.83
−179.60
30
0.92
−178.40
3.87
79.10
0.01
8.90
0.86
−178.90
40
0.92
−178.80
2.84
75.70
0.01
12.00
0.85
−178.60
50
0.92
−178.80
2.26
73.30
0.01
16.90
0.87
−176.90
60
0.92
−179.00
1.88
69.80
0.01
20.30
0.90
−177.30
70
0.93
−179.20
1.58
66.20
0.01
24.00
0.90
−178.10
80
0.93
−179.60
1.36
63.20
0.01
28.80
0.90
−178.40
90
0.93
−179.70
1.19
60.40
0.01
34.20
0.90
−178.60
100
0.94
−179.70
1.05
57.00
0.01
39.30
0.90
−179.40
125
0.95
179.50
0.77
49.30
0.01
52.30
0.88
179.20
150
0.95
179.00
0.60
45.80
0.01
64.90
0.91
−179.50
175
0.96
178.10
0.49
41.50
0.02
72.40
0.95
179.80
200
0.96
177.50
0.40
36.80
0.02
75.80
0.94
177.70
250
0.97
175.80
0.28
33.20
0.03
82.30
0.95
176.20
300
0.98
174.20
0.22
30.10
0.03
83.00
0.96
173.60
350
0.98
172.70
0.17
31.00
0.04
85.00
0.97
171.90
400
0.98
171.10
0.14
32.40
0.05
84.90
0.97
169.50
450
0.98
169.50
0.12
36.10
0.05
85.90
0.97
167.70
500
0.98
167.90
0.11
39.90
0.06
84.30
0.98
165.50
600
0.98
164.80
0.10
50.20
0.07
83.20
0.97
161.50
700
0.98
161.60
0.10
57.90
0.09
81.70
0.97
157.50
800
0.98
158.20
0.11
63.70
0.10
81.00
0.97
153.50
900
0.97
154.60
0.13
67.20
0.12
79.50
0.97
149.30
1000
0.97
151.10
0.14
70.20
0.14
78.80
0.96
144.90
Rev. 06 - 5 December 2006
12 of 15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com