Electronic Components Datasheet Search
  English  ▼

X  

BLF147 Datasheet(PDF) 11 Page - NXP Semiconductors

Part # BLF147
Description  VHF power MOS transistor
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BLF147 Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button BLF147 Datasheet HTML 7Page - NXP Semiconductors BLF147 Datasheet HTML 8Page - NXP Semiconductors BLF147 Datasheet HTML 9Page - NXP Semiconductors BLF147 Datasheet HTML 10Page - NXP Semiconductors BLF147 Datasheet HTML 11Page - NXP Semiconductors BLF147 Datasheet HTML 12Page - NXP Semiconductors BLF147 Datasheet HTML 13Page - NXP Semiconductors BLF147 Datasheet HTML 14Page - NXP Semiconductors BLF147 Datasheet HTML 15Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
NXP Semiconductors
Product specification
VHF power MOS transistor
BLF147
Fig.18 Power gain as a function of frequency;
typical values.
Class-B operation; VDS = 28 V; IDQ = 0.2 A;
RGS =15 Ω; PL = 150 W.
handbook, halfpage
0
30
20
10
0
50
100
200
150
MGP060
f (MHz)
Gp
(dB)
Rev. 06 - 5 December 2006
11 of 15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com