Electronic Components Datasheet Search
  English  ▼

X  

BLF878 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # BLF878
Description  UHF power LDMOS transistor
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BLF878 Datasheet(HTML) 4 Page - NXP Semiconductors

  BLF878 Datasheet HTML 1Page - NXP Semiconductors BLF878 Datasheet HTML 2Page - NXP Semiconductors BLF878 Datasheet HTML 3Page - NXP Semiconductors BLF878 Datasheet HTML 4Page - NXP Semiconductors BLF878 Datasheet HTML 5Page - NXP Semiconductors BLF878 Datasheet HTML 6Page - NXP Semiconductors BLF878 Datasheet HTML 7Page - NXP Semiconductors BLF878 Datasheet HTML 8Page - NXP Semiconductors BLF878 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
BLF878_2
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 02 — 15 June 2009
4 of 18
NXP Semiconductors
BLF878
UHF power LDMOS transistor
7.
Application information
[1]
IDq = 1.4 A for total device.
[2]
Measured [dBc] with delta marker at 4.3 MHz from center frequency.
VGS = 0 V; f = 1 MHz.
Fig 1.
Output capacitance as a function of drain-source voltage; typical values per
section; capacitance value without internal matching
VDS (V)
060
40
20
001aai075
150
250
350
Coss
(pF)
50
Table 7.
RF performance in a common-source narrowband 860 MHz test circuit
Tcase =25 °C unless otherwise specified.
Mode of operation
f
VDS IDq
PL(PEP)
PL(AV) Gp
ηD
IMD3
(MHz)
(V)
(A)
(W)
(W)
(dB) (%)
(dBc)
2-Tone, class AB
f1 = 860; f2 = 860.1
40
1.4[1] 300
-
> 18 > 42 <
−31
DVB-T (8k OFDM)
858
40
1.4[1] -
75
> 18 > 29 <
−29 [2]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com