Electronic Components Datasheet Search
  English  ▼

X  

BLF878 Datasheet(PDF) 1 Page - NXP Semiconductors

Part # BLF878
Description  UHF power LDMOS transistor
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BLF878 Datasheet(HTML) 1 Page - NXP Semiconductors

  BLF878 Datasheet HTML 1Page - NXP Semiconductors BLF878 Datasheet HTML 2Page - NXP Semiconductors BLF878 Datasheet HTML 3Page - NXP Semiconductors BLF878 Datasheet HTML 4Page - NXP Semiconductors BLF878 Datasheet HTML 5Page - NXP Semiconductors BLF878 Datasheet HTML 6Page - NXP Semiconductors BLF878 Datasheet HTML 7Page - NXP Semiconductors BLF878 Datasheet HTML 8Page - NXP Semiconductors BLF878 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
1.
Product profile
1.1 General description
A 300 W LDMOS RF power transistor for broadcast transmitter applications and industrial
applications. The transistor can deliver 300 W broadband over the full UHF band from
470 MHz to 860 MHz. The excellent ruggedness and broadband performance of this
device makes it ideal for digital transmitter applications.
[1]
Black video signal, sync expansion: input sync = 33 %; output sync
≥ 27 %.
[2]
Measured [dBc] with delta marker at 4.3 MHz from center frequency.
1.2 Features
I 2-Tone performance at 860 MHz, a drain-source voltage VDS of 42 V and a quiescent
drain current IDq = 1.4 A:
N Peak envelope power load power = 300 W
N Power gain = 21 dB
N Drain efficiency = 46 %
N Third order intermodulation distortion = −35 dBc
I DVB performance at 858 MHz, a drain-source voltage VDS of 42 V and a quiescent
drain current IDq = 1.4 A:
N Average output power = 75 W
N Power gain = 21 dB
N Drain efficiency = 32 %
N Third order intermodulation distortion = −32 dBc (4.3 MHz from center frequency)
BLF878
UHF power LDMOS transistor
Rev. 02 — 15 June 2009
Product data sheet
Table 1.
Typical performance
RF performance at VDS = 42 V in a common-source 860 MHz narrowband test circuit.
Mode of operation f
PL
PL(PEP) PL(AV) Gp
η
D
IMD3
(MHz)
(W)
(W)
(W)
(dB) (%) (dBc)
CW, class AB
860
300
-
-
21
60
-
2-Tone, class AB
f1 = 860; f2 = 860.1 -
300
-
21
46
−35
PAL BG
860 (ch69)
300 (peak sync.) [1] -
-
21
45
-
DVB-T (8k OFDM)
858
-
-
75
21
32
−32 [2]
CAUTION
This device is sensitive to ElectroStatic Discharge (ESD). Therefore care should be taken
during transport and handling.


Similar Part No. - BLF878

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BLF878 NXP-BLF878 Datasheet
147Kb / 18P
UHF power LDMOS transistor
Rev. 01-15 December 2008
BLF878 NXP-BLF878 Datasheet
9Mb / 130P
RF Manual 16th edition
June 2012
More results

Similar Description - BLF878

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BLF2047 PHILIPS-BLF2047 Datasheet
101Kb / 12P
UHF power LDMOS transistor
1999 Dec 02
BLF2047L PHILIPS-BLF2047L Datasheet
103Kb / 12P
UHF power LDMOS transistor
1999 Dec 06
logo
Analog Devices
BLC6G20-140 AD-BLC6G20-140 Datasheet
51Kb / 9P
UHF power LDMOS transistor
30-Jan-2006
logo
NXP Semiconductors
BLF6G20-45 PHILIPS-BLF6G20-45 Datasheet
46Kb / 8P
UHF power LDMOS transistor
Rev. 01-20 February 2006
BLF6G20-180P PHILIPS-BLF6G20-180P Datasheet
49Kb / 8P
UHF power LDMOS transistor
Rev. 01-19 April 2006
BLF4G10-120 PHILIPS-BLF4G10-120 Datasheet
115Kb / 14P
UHF power LDMOS transistor
Rev. 01-10 January 2006
BLF878 NXP-BLF878 Datasheet
147Kb / 18P
UHF power LDMOS transistor
Rev. 01-15 December 2008
BLF881_1012 PHILIPS-BLF881_1012 Datasheet
202Kb / 18P
UHF power LDMOS transistor
Rev. 3-7 December 2010
logo
New Jersey Semi-Conduct...
BLF861A NJSEMI-BLF861A Datasheet
100Kb / 2P
UHF power LDMOS transistor
logo
Quanzhou Jinmei Electro...
BLF872_2015 JMNIC-BLF872_2015 Datasheet
159Kb / 16P
UHF power LDMOS transistor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com