Electronic Components Datasheet Search
  English  ▼

X  

BLF878 Datasheet(PDF) 6 Page - NXP Semiconductors

Part # BLF878
Description  UHF power LDMOS transistor
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BLF878 Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button BLF878 Datasheet HTML 2Page - NXP Semiconductors BLF878 Datasheet HTML 3Page - NXP Semiconductors BLF878 Datasheet HTML 4Page - NXP Semiconductors BLF878 Datasheet HTML 5Page - NXP Semiconductors BLF878 Datasheet HTML 6Page - NXP Semiconductors BLF878 Datasheet HTML 7Page - NXP Semiconductors BLF878 Datasheet HTML 8Page - NXP Semiconductors BLF878 Datasheet HTML 9Page - NXP Semiconductors BLF878 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
BLF878_2
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 02 — 15 June 2009
6 of 18
NXP Semiconductors
BLF878
UHF power LDMOS transistor
7.1.2 2-Tone
IDq = 1.4 A; measured in a common source narrowband
860 MHz test circuit.
(1) VDS = 40 V
(2) VDS = 42 V
IDq = 1.4 A; measured in a common source narrowband
860 MHz test circuit.
(1) VDS = 40 V
(2) VDS = 42 V
Fig 3.
2-Tone power gain and drain efficiency as
functions of average load power; typical
values
Fig 4.
2-Tone third order intermodulation distortion
as a function of average load power; typical
values
PL(AV) (W)
0
400
300
100
200
001aai077
18
20
22
Gp
(dB)
16
20
40
60
ηD
(%)
0
Gp
ηD
(1)
(2)
(2)
(1)
PL(AV) (W)
0
400
300
100
200
001aai078
−30
−40
−20
−10
IMD3
(dBc)
−50
(1)
(2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com