Electronic Components Datasheet Search
  English  ▼

X  

MCS0402AT Datasheet(PDF) 9 Page - Vishay Siliconix

Part # MCS0402AT
Description  Professional Thin Film Chip Resistor Superior Moisture Resistivity
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MCS0402AT Datasheet(HTML) 9 Page - Vishay Siliconix

Back Button MCS0402AT Datasheet HTML 3Page - Vishay Siliconix MCS0402AT Datasheet HTML 4Page - Vishay Siliconix MCS0402AT Datasheet HTML 5Page - Vishay Siliconix MCS0402AT Datasheet HTML 6Page - Vishay Siliconix MCS0402AT Datasheet HTML 7Page - Vishay Siliconix MCS0402AT Datasheet HTML 8Page - Vishay Siliconix MCS0402AT Datasheet HTML 9Page - Vishay Siliconix MCS0402AT Datasheet HTML 10Page - Vishay Siliconix MCS0402AT Datasheet HTML 11Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
www.vishay.com
For technical questions, contact: thinfilmchip@vishay.com
Document Number: 28760
9
Revision: 07-Dec-09
MCS 0402 AT, MCT 0603 AT, MCU 0805 AT, MCA 1206 AT - Professional
Vishay Beyschlag
Professional Thin Film Chip Resistor
Superior Moisture Resistivity
TEST PROCEDURES AND REQUIREMENTS
EN
60115-1
CLAUSE
IEC
60068-2
TEST
METHOD
TEST
PROCEDURE
REQUIREMENTS
PERMISSIBLE CHANGE (
ΔR)
STABILITY CLASS 0.5 OR BETTER
Stability for product types:
MCS 0402 AT
47
Ω to 47 kΩ
MCT 0603 AT
47
Ω to 100 kΩ
MCU 0805 AT
47
Ω to 100 kΩ
MCA 1206 AT
47
Ω to 100 kΩ
4.5
-
Resistance
± 1 %
R; ± 0.5 % R
4.8.4.2
-
Temperature
coefficient
At (20/- 55/20) °C and
(20/155/20) °C
± 50 ppm/K; ± 25 ppm/K
4.25.1
-
Endurance at 70
°C:
Standard operation mode
U =
or
U = Umax.;
whichever is the less severe;
1.5 h on; 0.5 h off;
70
°C; 1000 h
70
°C; 8000 h
± (0.15 %
R +0.05
Ω)
± (0.25 %
R +0.05
Ω)
Endurance at 70
°C:
Power operation mode
U =
or
U = Umax.;
whichever is the less severe;
1.5 h on; 0.5 h off;
70
°C; 1000 h
70
°C; 8000 h
± (0.3 %
R +0.05
Ω)
± (0.5 %
R +0.05
Ω)
Endurance at 85
°C:
Advanced temperature
operation mode
U =
or
U = Umax.;
whichever is the less severe;
1.5 h on; 0.5 h off;
85
°C; 1000 h
± (0.5 %
R +0.05
Ω)
4.25.3
-
Endurance at
upper category
temperature
125
°C; 1000 h
155
°C; 1000 h
175
°C; 1000 h
± (0.15 %
R + 0.05
Ω)
± (0.3 %
R + 0.05
Ω)
± (0.5 %
R + 0.05
Ω)
4.24
78 (Cab)
Damp heat,
steady state
(40 ± 2)
°C; 56 days;
(93 ± 3) % RH
± (0.1 %
R +0.05
Ω)
4.39
67 (Cy)
Damp heat,
steady state,
accelerated
(85 ± 2) °C
(85 ± 5) % RH
U = 0.1 x
≤ 100 V;
1000 h
± (0.5 %
R + 0.05
Ω)
4.23
Climatic sequence:
± (0.5 %
R +0.05
Ω)
4.23.2
2 (Ba)
dry heat
155
°C; 16 h
4.23.3
30 (Db)
damp heat, cyclic
55
°C; 24 h; > 90 % RH;
1 cycle
4.23.4
1 (Aa)
cold
- 55
°C; 2 h
4.23.5
13 (M)
low air pressure
8.5 kPa; 2 h; (25 ± 10)
°C
4.23.6
30 (Db)
damp heat, cyclic
55
°C; 5 days > 90 % RH;
5 cycles
4.23.7
-
DC load
U =
≤ Umax.; 1 min
-1 (Aa)
Storage at low
temperature
- 55
°C; 2 h
± (0.1 %
R +0.01
Ω)
4.19
14 (Na)
Rapid change of
temperature
30 min at - 55 °C and
30 min at 155
°C;
1000 cycles
± (0.25 %
R +0.05
Ω)
4.13
-
Short time overload;
standard operation mode
U = 2.5 x
≤ 2 × Umax.; 5 s
± (0.1 %
R +0.01
Ω)
Short time overload;
power operation mode
± (0.25 %
R +0.05
Ω)
P
70 x R
P
70 x R
P
70 x R
P
70 x R
P
70 x R
P
70 x R



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com