Electronic Components Datasheet Search
  English  ▼

X  

MCS0402AT Datasheet(PDF) 1 Page - Vishay Siliconix

Part # MCS0402AT
Description  Professional Thin Film Chip Resistor Superior Moisture Resistivity
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MCS0402AT Datasheet(HTML) 1 Page - Vishay Siliconix

  MCS0402AT Datasheet HTML 1Page - Vishay Siliconix MCS0402AT Datasheet HTML 2Page - Vishay Siliconix MCS0402AT Datasheet HTML 3Page - Vishay Siliconix MCS0402AT Datasheet HTML 4Page - Vishay Siliconix MCS0402AT Datasheet HTML 5Page - Vishay Siliconix MCS0402AT Datasheet HTML 6Page - Vishay Siliconix MCS0402AT Datasheet HTML 7Page - Vishay Siliconix MCS0402AT Datasheet HTML 8Page - Vishay Siliconix MCS0402AT Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
MCS 0402 AT, MCT 0603 AT, MCU 0805 AT, MCA 1206 AT - Professional
Vishay Beyschlag
Professional Thin Film Chip Resistor
Superior Moisture Resistivity
www.vishay.com
For technical questions, contact: thinfilmchip@vishay.com
Document Number: 28760
1
Revision: 07-Dec-09
Automotive-Grade MC AT Professional Thin Film Chip
Resistors are the perfect choice for most fields of modern
professional electronics where reliability and stability is of
major concern. Typical applications include automotive,
telecommunication, industrial, medical equipment, precision
test and measuring equipment.
FEATURES
• Operating temperature up to 175 °C for 1000 h
• Superior moisture resistivity, |
ΔR/R| < 0.5 %
(85 °C; 85 % RH; 1000 h)
• Rated dissipation
P85 up to 0.4 W for size 1206
• AEC-Q200 qualified
• Approved according to EN 140401-801
• Lead (Pb)-free solder contacts
• Compliant to RoHS directive 2002/95/EC
APPLICATIONS
• Automotive
• Telecommunication
• Medical equipment
• Industrial equipment
Note
(1) Please refer to APPLICATION INFORMATION below
METRIC SIZE
INCH:
0402
0603
0805
1206
METRIC:
RR 1005M
RR 1608M
RR 2012M
RR 3216M
TECHNICAL SPECIFICATIONS
DESCRIPTION
MCS 0402 AT
MCT 0603 AT
MCU 0805 AT
MCA 1206 AT
Metric size
RR 1005M
RR 1608M
RR 2012M
RR 3216M
Resistance range
47
Ω to 47 kΩ
47
Ω to 100 kΩ
47
Ω to 100 kΩ
47
Ω to 100 kΩ
Resistance tolerance
± 1 %; ± 0.5 %
Temperature coefficient
± 50 ppm/K; ± 25 ppm/K
Rated dissipation
P85 (1)
0.100 W
0.150 W
0.200 W
0.400 W
Operating voltage,
Umax. AC/DC
50 V
75 V
150 V
200 V
Permissible film temperature (1)
175 °C
Insulation voltage
1 min;
Uins
75 V
100 V
200 V
300 V
Continuous
75 V
75 V
75 V
75 V


Similar Part No. - MCS0402AT

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MCS0402AT VISHAY-MCS0402AT Datasheet
150Kb / 10P
Precision Thin Film Chip Resistors
05-Oct-2021
MCS0402ATAU VISHAY-MCS0402ATAU Datasheet
116Kb / 8P
Precision Gold Terminated Thin Film Chip Resistors
09-Dec-15
MCS0402AT VISHAY-MCS0402AT_V01 Datasheet
150Kb / 10P
Precision Thin Film Chip Resistors
05-Oct-2021
More results

Similar Description - MCS0402AT

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
ACAC0612 VISHAY-ACAC0612_1 Datasheet
161Kb / 6P
Professional Thin Film Chip Resistor Array
11-Sep-08
ACAS0606 VISHAY-ACAS0606 Datasheet
176Kb / 8P
Precision Thin Film Chip Resistor Array Superior Moisture Resistivity
06-Nov-09
MC_PRO VISHAY-MC_PRO Datasheet
165Kb / 12P
Professional Thin Film Chip Resistors
24-Jan-13
MCS04020C3309FE000 VISHAY-MCS04020C3309FE000 Datasheet
165Kb / 12P
Professional Thin Film Chip Resistors
24-Jan-13
MCT06030C1003FP500 VISHAY-MCT06030C1003FP500 Datasheet
165Kb / 12P
Professional Thin Film Chip Resistors
24-Jan-13
MCT06030C4759FP500 VISHAY-MCT06030C4759FP500 Datasheet
153Kb / 12P
Professional Thin Film Chip Resistors
24-Jan-13
MCT0603MD4701BP100 VISHAY-MCT0603MD4701BP100 Datasheet
167Kb / 9P
Precision Thin Film Chip Resistor Superior Moisture Resistivity
09-Apr-09
logo
Stackpole Electronics, ...
RNCS SEI-RNCS Datasheet
449Kb / 7P
Moisture Resistant Precision Thin Film Chip Resistor
8/24/2021
logo
Vishay Siliconix
ACAS0606AT VISHAY-ACAS0606AT_V01 Datasheet
134Kb / 9P
Precision Thin Film Chip Resistor Array Superior Moisture Resistivity
17-Aug-2022
ACASPROF VISHAY-ACASPROF Datasheet
120Kb / 7P
Professional Thin Film Chip Resistor Array
13-Dec-12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com