Electronic Components Datasheet Search
  English  ▼

X  

LTC2641 Datasheet(PDF) 13 Page - Linear Technology

Part # LTC2641
Description  18-Bit SoftSpan IOUT DAC with Parallel I/O
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2641 Datasheet(HTML) 13 Page - Linear Technology

Back Button LTC2641 Datasheet HTML 9Page - Linear Technology LTC2641 Datasheet HTML 10Page - Linear Technology LTC2641 Datasheet HTML 11Page - Linear Technology LTC2641 Datasheet HTML 12Page - Linear Technology LTC2641 Datasheet HTML 13Page - Linear Technology LTC2641 Datasheet HTML 14Page - Linear Technology LTC2641 Datasheet HTML 15Page - Linear Technology LTC2641 Datasheet HTML 16Page - Linear Technology LTC2641 Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
LTC2757
13
2757f
1. Load ±5V range with the output at 0V. Note that since span and code are updated together, the output, if started at
0V, will stay there. The 18-bit DAC code is shown in hex for compactness.
OPERATION
WR
2757 TD03
SPAN I/O
INPUT
DATA I/O
INPUT
UPD
D/S
20000H
010
READ = LOW
VOUT
UPDATE
(±5V RANGE, VOUT = 0V)
0V (00000H IN 0V to 5V RANGE)
0V (20000H IN ±5V RANGE)
The offset adjust pin VOSADJ can be used to null unipolar
offset or bipolar zero error. The offset change expressed
in LSB is the same for any output range:
ΔV
OS LSB
[]=
–V(VOSADJ)
V(RIN)
• 2048
A 5V control voltage applied to VOSADJ produces ΔVOS =
–2048 LSB in any output range, assuming a 5V reference
voltage at RIN.
In voltage terms, the offset delta is attenuated by a factor
of 32, 64 or 128, depending on the output range. (These
functions hold regardless of reference voltage.)
ΔVOS = –(1/128)VOSADJ
[0V to 5V, ±2.5V spans]
ΔVOS = –(1/64)VOSADJ
[0V to 10V, ±5V, –2.5V to
7.5V spans]
ΔVOS = –(1/32)VOSADJ
[±10V span]
The gain error adjust pin GEADJ can be used to null gain
error or to compensate for reference errors. The gain er-
ror change expressed in LSB is the same for any output
range:
ΔGE =
V(GEADJ)
V(RIN)
• 2048
The gain-error delta is non-inverting for positive reference
voltages.
Note that this pin compensates the gain by altering the
inverted reference voltage V(REF). In voltage terms,
the V(REF) delta is inverted and attenuated by a factor
of 128.
ΔV(REF) = –(1/128)GEADJ
The nominal input range of these pins is ±5V; other volt-
ages of up to ±15V may be used if needed. However, do
not use voltages divided down from power supplies; ref-
erence-quality, low-noise inputs are required to maintain
the best DAC performance.
The VOSADJ pin has an input impedance of 1.28MΩ. This
pin should be driven with a Thevenin-equivalent impedance
of 10k or less to preserve the settling performance of the
LTC2757. It should be shorted to GND if not used.
The GEADJ pin has an input impedance of 2.56MΩ, and
is intended for use with fixed reference voltages only. It
should be shorted to GND if not used.
OPERATION—EXAMPLES



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com