Electronic Components Datasheet Search
  English  ▼

X  

LTC2641 Datasheet(PDF) 6 Page - Linear Technology

Part # LTC2641
Description  18-Bit SoftSpan IOUT DAC with Parallel I/O
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2641 Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC2641 Datasheet HTML 2Page - Linear Technology LTC2641 Datasheet HTML 3Page - Linear Technology LTC2641 Datasheet HTML 4Page - Linear Technology LTC2641 Datasheet HTML 5Page - Linear Technology LTC2641 Datasheet HTML 6Page - Linear Technology LTC2641 Datasheet HTML 7Page - Linear Technology LTC2641 Datasheet HTML 8Page - Linear Technology LTC2641 Datasheet HTML 9Page - Linear Technology LTC2641 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
LTC2757
6
2757f
INL vs Temperature
DNL vs Temperature
Gain Error vs Temperature
Bipolar Zero Error
vs Temperature
INL vs Reference Voltage
DNL vs Reference Voltage
TYPICAL PERFORMANCE CHARACTERISTICS
Integral Nonlinearity (INL)
Differential Nonlinearity (DNL)
VDD = 5V, V(RIN) = 5V, TA = 25°C, unless otherwise noted.
CODE
0
65536
–1.0
–0.8
–0.6
–0.4
–0.2
0.6
0.4
0.2
0
0.8
1.0
131072
196608
262143
2757 G01
±10V RANGE
CODE
0
65536
–1.0
–0.8
–0.6
–0.4
–0.2
0.6
0.4
0.2
0
0.8
1.0
131072
196608
262143
2757 G02
±10V RANGE
TEMPERATURE (°C)
–40
–20
–1.0
–0.8
–0.6
–0.4
–0.2
0.4
0.2
0
0.6
0.8
1.0
020
+INL
–INL
80
60
40
85
2757 G04
0V TO 10V RANGE
TEMPERATURE (°C)
–40
–20
–1.0
–0.8
–0.6
–0.4
–0.2
0.4
0.2
0
0.6
0.8
1.0
020
+DNL
–DNL
80
60
40
85
2757 G05
0V TO 10V RANGE
TEMPERATURE (°C)
–40
–20
–16
–12
–8
–4
4
0
8
12
16
020
±10V
±5V ±2.5V TO 7.5V
±2.5V
0V TO 5V
0V TO 10V
±0.25ppm/°C TYP
80
60
40
85
2757 G06
TEMPERATURE (°C)
–40
–20
–16
–12
–8
–4
4
0
8
12
16
020
±10V
±5V
–2.5V TO 7.5V
±2.5V
±0.15ppm/°C TYP
80
60
40
85
2757 G07
V(RIN) (V)
–10
–2
–6 –4
–1.0
–0.8
–0.6
–0.2
–0.4
0.4
0.2
0
0.6
0.8
1.0
02
+INL
–INL
+INL
–INL
±5V RANGE
8
6
410
2757 G08
–8
V(RIN) (V)
–10
–2
–6 –4
–1.0
–0.8
–0.6
–0.2
–0.4
0.4
0.2
0
0.6
0.8
1.0
02
+DNL
–DNL
+DNL
–DNL
±5V RANGE
8
6
410
2757 G09
–8
INL vs Output Range
OUTPUT RANGE
–2.5V
TO
2.5V
–2.5V
TO
7.5V
–1.0
–0.8
–0.6
–0.4
–0.2
0.4
0.2
0
0.6
0.8
1.0
0V
TO
5V
–5V
TO
5V
–10V
TO
10V
0V
TO
10V
2757 G03



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com