Electronic Components Datasheet Search
  English  ▼

X  

LTC2641 Datasheet(PDF) 4 Page - Linear Technology

Part # LTC2641
Description  18-Bit SoftSpan IOUT DAC with Parallel I/O
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2641 Datasheet(HTML) 4 Page - Linear Technology

  LTC2641 Datasheet HTML 1Page - Linear Technology LTC2641 Datasheet HTML 2Page - Linear Technology LTC2641 Datasheet HTML 3Page - Linear Technology LTC2641 Datasheet HTML 4Page - Linear Technology LTC2641 Datasheet HTML 5Page - Linear Technology LTC2641 Datasheet HTML 6Page - Linear Technology LTC2641 Datasheet HTML 7Page - Linear Technology LTC2641 Datasheet HTML 8Page - Linear Technology LTC2641 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
LTC2757
4
2757f
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Power Supply
VDD
Supply Voltage
l
2.7
5.5
V
IDD
Supply Current, VDD
Digital Inputs = 0V or VDD
l
0.5
1
μA
Digital Inputs
VIH
Digital Input High Voltage
3.3V ≤ VDD ≤ 5.5V
2.7V ≤ VDD < 3.3V
l
l
2.4
2
V
V
VIL
Digital Input Low Voltage
4.5V < VDD ≤ 5.5V
2.7V ≤ VDD ≤ 4.5V
l
l
0.8
0.6
V
V
Hysteresis Voltage
0.1
V
IIN
Digital Input Current
VIN = GND to VDD
l
±1
μA
CIN
Digital Input Capacitance
VIN = 0V (Note 12)
l
6pF
Digital Outputs
VOH
IOH = 200μA
l VDD – 0.4
V
VOL
IOL = 200μA
l
0.4
V
TIMING CHARACTERISTICS V
DD = 5V, V(RIN) = 5V unless otherwise specified. The l denotes specifications that
apply over the full operating temperature range, otherwise specifications are at TA = 25°C.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VDD = 4.5V to 5.5V
Write and Update Timing
t1
I/O Valid to WR Rising Edge Set-Up
l
9ns
t2
I/O Valid to WR Rising Edge Hold
l
9ns
t3
WR Pulse Width
l
20
ns
t4
UPD Pulse Width
l
20
ns
t5
UPD Falling Edge to WR Falling Edge
No Data Shoot-Through
l
0ns
t6
WR Rising Edge to UPD Rising Edge
(Note 12)
l
0ns
t7
D/S Valid to WR Falling Edge Set-Up Time
l
9ns
t8
WR Rising Edge to D/S Valid Hold Time
l
9ns
Readback Timing
t13
WR Rising Edge to READ Rising Edge
l
9ns
t14
READ Falling Edge to WR Falling Edge
(Note 12)
l
20
ns
t15
READ Rising Edge to I/O Propagation Delay
CL = 10pF
l
30
ns
t17
UPD Valid to I/O Propagation Delay
CL = 10pF
l
30
ns
t18
D/S Valid to READ Rising Edge
(Note 12)
l
9ns
t19
READ Rising Edge to UPD Rising Edge
No Update
l
9ns
t20
UPD Falling Edge to READ Falling Edge
No Update
l
9ns
t22
READ Falling Edge to UPD Rising Edge
(Note 12)
l
9ns
t23
I/O Bus Hi-Z to READ Rising Edge
(Note 12)
l
0ns
t24
READ Falling Edge to I/O Bus Active
(Note 12)
l
20
ns
ELECTRICAL CHARACTERISTICS V
DD = 5V, V(RIN) = 5V unless otherwise specified. The l denotes the
specifications which apply over the full operating temperature range, otherwise specifications are at TA = 25°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com