Electronic Components Datasheet Search
  English  ▼

X  

LT1027 Datasheet(PDF) 1 Page - Linear Technology

Part # LT1027
Description  18-Bit SoftSpan IOUT DAC with Parallel I/O
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1027 Datasheet(HTML) 1 Page - Linear Technology

  LT1027 Datasheet HTML 1Page - Linear Technology LT1027 Datasheet HTML 2Page - Linear Technology LT1027 Datasheet HTML 3Page - Linear Technology LT1027 Datasheet HTML 4Page - Linear Technology LT1027 Datasheet HTML 5Page - Linear Technology LT1027 Datasheet HTML 6Page - Linear Technology LT1027 Datasheet HTML 7Page - Linear Technology LT1027 Datasheet HTML 8Page - Linear Technology LT1027 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
LTC2757
1
2757f
TYPICAL APPLICATION
FEATURES
APPLICATIONS
DESCRIPTION
18-Bit SoftSpan IOUT DAC
with Parallel I/O
The LTC®2757 is an 18-bit multiplying parallel-input, cur-
rent-output digital-to-analog converter that provides full 18-
bit performance—INL and DNL of ±1LSB maximum—over
temperature without any adjustments. 18-bit monotonicity
is guaranteed in all performance grades. This SoftSpan™
DAC operates from a single 3V to 5V supply and offers
six output ranges (up to ±10V) that can be programmed
through the parallel interface or pin-strapped for operation
in a single range.
In addition to its precision DC specifications, the LTC2757
also offers excellent AC specifications, including 2.1μs
full-scale settling to 1LSB and 1.4nV•s glitch impulse.
The LTC2757 uses a bidirectional input/output parallel
interface that allows readback of any on-chip register,
including DAC output-range settings; and a CLR pin and
power-on reset circuit that each reset the DAC output to
0V regardless of output range.
18-Bit Voltage Output DAC with Software-Selectable Ranges
n Maximum 18-Bit INL Error: ±1 LSB Over Temperature
n Program or Pin-Strap Six Output Ranges:
0V to 5V, 0V to 10V, –2.5V to 7.5V, ±2.5V, ±5V, ±10V
n Guaranteed Monotonic Over Temperature
n Low Glitch Impulse 1.4nV•s (3V), 3nV•s (5V)
n 18-Bit Settling Time: 2.1μs
n 2.7V to 5.5V Single Supply Operation
n Reference Current Constant for All Codes
n Voltage-Controlled Offset and Gain Trims
n Parallel Interface with Readback of All Registers
n Clear and Power-On-Reset to 0V Regardless of
Output Range
n 48-Pin 7mm
× 7mm LQFP Package
n Instrumentation
n Medical Devices
n Automatic Test Equipment
n Process Control and Industrial Automation
LTC2757 Integral Nonlinearity
L, LT, LTC, LTM, Linear Technology and the Linear logo are registered trademarks of Linear
Technology Corporation. SoftSpan is a trademark of Linear Technology Corporation.
All other trademarks are the property of their respective owners.
150pF
+
–
LT1012
LT1468
18-BIT DAC WITH SPAN SELECT
LTC2757
VOSADJ
RCOM
RIN
ROFS
REF
5V
5V
REF
RFB
IOUT1
VOUT
IOUT2
GND
WR
UPD
READ
D/S
CLR
M-SPAN
SPAN I/O
S2-S0
GAIN
ADJUST
GEADJ
27pF
VDD
2757 TA01
WR
UPD
READ
D/S
CLR
0.1μF
DATA I/O
D17-D0
OFFSET
ADJUST
CODE
0
65536
–1.0
–0.8
–0.6
–0.4
–0.2
0.6
0.4
0.2
0
0.8
1.0
131072
196608
262143
2757 TA01b
±10V RANGE
90°C
25°C
–45°C


Similar Part No. - LT1027

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1027 LINER-LT1027 Datasheet
167Kb / 8P
Precision 5V Reference
LT1027 LINER-LT1027 Datasheet
285Kb / 24P
Dual Current Output 12-/14-/16-Bit SoftSpan DACs with Parallel I/O
LT1027 LINER-LT1027 Datasheet
220Kb / 8P
Precision 5V Reference
LT1027A LINER-LT1027A Datasheet
167Kb / 8P
Precision 5V Reference
LT1027ACH-5 LINER-LT1027ACH-5 Datasheet
167Kb / 8P
Precision 5V Reference
More results

Similar Description - LT1027

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2755 LINER-LTC2755 Datasheet
431Kb / 24P
Quad Current Output 12-/14-/16-Bit SoftSpan DACs with Parallel I/O
LTC2752 LINER-LTC2752 Datasheet
366Kb / 24P
Dual16-Bit SoftSpan IOUT DACs
LTC2756 LINER-LTC2756_15 Datasheet
338Kb / 24P
Serial 18-Bit SoftSpan IOUT DAC
LTC2751 LINER-LTC2751_15 Datasheet
307Kb / 22P
Current Output 12-/14-/16-Bit SoftSpan DACs with Parallel I/O
LTC2752 LINER-LTC2752_15 Datasheet
370Kb / 24P
Dual16-Bit SoftSpan IOUT DACs
LTC2753 LINER-LTC2753_15 Datasheet
291Kb / 24P
Dual Current Output 12-/14-/16-Bit SoftSpan DACs with Parallel I/O
LTC2757 LINER-LTC2757_15 Datasheet
269Kb / 20P
18-Bit SoftSpan IOUT DAC with Parallel I/O
LTC2758 LINER-LTC2758_15 Datasheet
412Kb / 24P
Dual Serial 18-Bit SoftSpan IOUT DACs
LTC2754 LINER-LTC2754_15 Datasheet
507Kb / 28P
Quad 12-/16-Bit SoftSpan IOUT DACs
LTC2758 LINER-LTC2758 Datasheet
558Kb / 24P
Dual Serial 18-Bit SoftSpan IOUT DACs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com