Electronic Components Datasheet Search
  English  ▼

X  

LT1027 Datasheet(PDF) 19 Page - Linear Technology

Part # LT1027
Description  18-Bit SoftSpan IOUT DAC with Parallel I/O
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1027 Datasheet(HTML) 19 Page - Linear Technology

Back Button LT1027 Datasheet HTML 12Page - Linear Technology LT1027 Datasheet HTML 13Page - Linear Technology LT1027 Datasheet HTML 14Page - Linear Technology LT1027 Datasheet HTML 15Page - Linear Technology LT1027 Datasheet HTML 16Page - Linear Technology LT1027 Datasheet HTML 17Page - Linear Technology LT1027 Datasheet HTML 18Page - Linear Technology LT1027 Datasheet HTML 19Page - Linear Technology LT1027 Datasheet HTML 20Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 19 / 20 page
background image
LTC2757
19
2757f
Information furnished by Linear Technology Corporation is believed to be accurate and reliable.
However, no responsibility is assumed for its use. Linear Technology Corporation makes no representa-
tion that the interconnection of its circuits as described herein will not infringe on existing patent rights.
PACKAGE DESCRIPTION
LX Package
48-Lead Plastic LQFP (7mm
× 7mm)
(Reference LTC DWG # 05-08-1760 Rev Ø)
LX48 LQFP 0907 REVØ
0
° – 7°
11
° – 13°
0.45 – 0.75
1.00 REF
11
° – 13°
9.00 BSC
AA
7.00 BSC
1
2
7.00 BSC
9.00 BSC
48
1.60
MAX
1.35 – 1.45
0.05 – 0.15
0.09 – 0.20
0.50
BSC
0.17 – 0.27
GAUGE PLANE
0.25
NOTE:
1. PACKAGE DIMENSIONS CONFORM TO JEDEC #MS-026 PACKAGE OUTLINE
2. DIMENSIONS ARE IN MILLIMETERS
3. DIMENSIONS OF PACKAGE DO NOT INCLUDE MOLD FLASH. MOLD FLASH
SHALL NOT EXCEED 0.25mm ON ANY SIDE, IF PRESENT
4. PIN-1 INDENTIFIER IS A MOLDED INDENTATION, 0.50mm DIAMETER
5. DRAWING IS NOT TO SCALE
SEE NOTE: 4
C0.30 – 0.50
R0.08 – 0.20
7.15 – 7.25
5.50 REF
1
2
5.50 REF
7.15 – 7.25
48
PACKAGE OUTLINE
RECOMMENDED SOLDER PAD LAYOUT
APPLY SOLDER MASK TO AREAS THAT ARE NOT SOLDERED
SECTION A – A
0.50 BSC
0.20 – 0.30
1.30 MIN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com