Electronic Components Datasheet Search
  English  ▼

X  

LT1027 Datasheet(PDF) 20 Page - Linear Technology

Part # LT1027
Description  18-Bit SoftSpan IOUT DAC with Parallel I/O
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1027 Datasheet(HTML) 20 Page - Linear Technology

Back Button LT1027 Datasheet HTML 12Page - Linear Technology LT1027 Datasheet HTML 13Page - Linear Technology LT1027 Datasheet HTML 14Page - Linear Technology LT1027 Datasheet HTML 15Page - Linear Technology LT1027 Datasheet HTML 16Page - Linear Technology LT1027 Datasheet HTML 17Page - Linear Technology LT1027 Datasheet HTML 18Page - Linear Technology LT1027 Datasheet HTML 19Page - Linear Technology LT1027 Datasheet HTML 20Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 20 / 20 page
background image
LTC2757
20
2757f
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408) 432-1900 ● FAX: (408) 434-0507 ● www.linear.com
© LINEAR TECHNOLOGY CORPORATION 2010
LT 0410 • PRINTED IN USA
RELATED PARTS
TYPICAL APPLICATION
PART NUMBER
DESCRIPTION
COMMENTS
LTC1591/
LTC1597
Parallel 14-/16-Bit IOUT Single DAC
Integrated 4-Quadrant Resistors
LTC1592
Serial 16-Bit IOUT Single DAC
Software-Selectable (SoftSpan) Ranges, ±1LSB INL, DNL,
16-Lead SSOP Package
LTC1821
Parallel 16-Bit VOUT Single DAC
±1LSB INL, DNL, 0V to 10V, 0V to –10V, ±10V Output Ranges
LTC2641/
LTC2642
Serial 12-/14-/16-Bit Unbuffered VOUT Single DACs
±1LSB INL, ±1LSB DNL, 1μs Settling, Tiny MSOP-10,
3mm
× 3mm DFN-10 Packages
LTC2704
Serial 12-/14-/16-Bit VOUT SoftSpan Quad DACs
Software-Selectable Ranges, Integrated Amplifiers
LTC2751
Parallel 12-/14-/16-Bit IOUT SoftSpan Single DAC
±1LSB INL, DNL, Software-Selectable Ranges, 5mm
× 7mm QFN-38 Package
LTC2753
Parallel 12-/14-/16-Bit IOUT SoftSpan Dual DACs
±1LSB INL, DNL, Software-Selectable Ranges, 7mm
× 7mm QFN-48 Package
LTC2754
Serial 12-/16-Bit IOUT SoftSpan Quad DACs
±1LSB INL, DNL, Software-Selectable Ranges, 7mm
× 8mm QFN-52 Package
LTC2755
Parallel 12-/14-/16-Bit IOUT SoftSpan Quad DACs
±1LSB INL, DNL, Software-Selectable Ranges, 9mm
× 9mm QFN-64 Package
LT1027
Precision Reference
1ppm/°C Maximum Drift
LT1236A-5
Precision Reference
0.05% Maximum Tolerance, 1ppm 0.1Hz to 10Hz Noise
LTC1150
±15V Zero-Drift Op Amp
10μV Maximum Offset Voltage, 1.8μVP-P (0.1Hz to 10Hz) Noise,
0.8mA Supply Current
LT1468
16-Bit Accurate Op Amp
90MHz GBW, 22V/μs Slew Rate
100pF
10k
15V
12V
–15V
+
–
LT1012
LTC2757
TO
MICROCONTROLLER
GEADJ
REF
REF
RFB
RFB
ROFS ROFS
VDD
RIN
RIN RCOM
READ
M-SPAN
GND
GND
GND
D/S
UPD
WR CLR
IOUT1
IOUT2F
IOUT2S
GND
VOSADJ
2757 F03
D17
D16
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
S2
S1
S0
5V
–5V
–
+
LTC2054
+
–
LTC1360
15V
–15V
5V
–5V
–
+
LTC6240
1k
10k
1μF
1k
10Ω
1μF
5pF
4.02k
1k
100pF
LTC6655-5
IN
OUT
10μF
VOUT
0.1μF
Figure 3. Composite Amplifier Provides 18-Bit Precision and Fast Settling



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com