Electronic Components Datasheet Search
  English  ▼

X  

CBTL06121 Datasheet(PDF) 9 Page - NXP Semiconductors

Part # CBTL06121
Description  Gen1 hex display multiplexer
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

CBTL06121 Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button CBTL06121 Datasheet HTML 5Page - NXP Semiconductors CBTL06121 Datasheet HTML 6Page - NXP Semiconductors CBTL06121 Datasheet HTML 7Page - NXP Semiconductors CBTL06121 Datasheet HTML 8Page - NXP Semiconductors CBTL06121 Datasheet HTML 9Page - NXP Semiconductors CBTL06121 Datasheet HTML 10Page - NXP Semiconductors CBTL06121 Datasheet HTML 11Page - NXP Semiconductors CBTL06121 Datasheet HTML 12Page - NXP Semiconductors CBTL06121 Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
CBTL06121_1
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 01 — 23 May 2008
9 of 19
NXP Semiconductors
CBTL06121
Gen1 hex display multiplexer
7.
Functional description
Refer to Figure 4 “Functional diagram”.
The CBTL06121 uses 3.3 V power supply. All signal paths are implemented using
high-bandwidth pass-gate technology, are bidirectional and no clock or reset signal is
needed for the multiplexer to function.
The switch position is selected using the select signal (SEL), which can be latched using
the latch enable pin (LE_N). The detailed operation is described in Section 7.1.
7.1 MUX select (SEL) function
The internal multiplexer switch position is controlled by two logic inputs SEL and LE_N as
described below.
The switch position select input signal SEL controls the MUX through a flow-through latch,
which is gated by the latch enable input signal LE_N (active LOW). The latch is open
when LE_N is LOW; in this state the internal switch position will respond to the state of the
SEL input signal. The latch is closed when LE_N is HIGH, and the switch position will not
respond to input state changes on the SEL input.
Table 3.
MUX select control
SEL
Dx
TXx; RXx
0
high-impedance
active; follows IN_x
1
active; follows IN_x
high-impedance
Table 4.
MUX select latch control
LE_N
Internal MUX select
0
responds to changes on SEL
1
latched
Fig 7.
MUX select function
002aad088
IN_x+
Dx+
TXx+
IN_x
−
Dx
−
TXx
−
internal
MUX select
TRANSPARENT
LATCH
SEL
LE_N



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com