Electronic Components Datasheet Search
  English  ▼

X  

CBTL06121 Datasheet(PDF) 13 Page - NXP Semiconductors

Part # CBTL06121
Description  Gen1 hex display multiplexer
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

CBTL06121 Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button CBTL06121 Datasheet HTML 9Page - NXP Semiconductors CBTL06121 Datasheet HTML 10Page - NXP Semiconductors CBTL06121 Datasheet HTML 11Page - NXP Semiconductors CBTL06121 Datasheet HTML 12Page - NXP Semiconductors CBTL06121 Datasheet HTML 13Page - NXP Semiconductors CBTL06121 Datasheet HTML 14Page - NXP Semiconductors CBTL06121 Datasheet HTML 15Page - NXP Semiconductors CBTL06121 Datasheet HTML 16Page - NXP Semiconductors CBTL06121 Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
CBTL06121_1
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 01 — 23 May 2008
13 of 19
NXP Semiconductors
CBTL06121
Gen1 hex display multiplexer
12. Package outline
Fig 8.
Package outline HWQFN56R (SOT1033-1)
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
JEITA
SOT1033-1
SOT1033-1
UNIT
A
max
mm
0.8
0.27
0.23
5.1
4.9
11.1
10.9
2.5
2.3
8.5
8.3
0.42
0.38
0.1
0.0
b
DIMENSIONS (mm are the original dimensions)
HWQFN56R: plastic thermal enhanced very very thin quad flat package; no leads;
56 terminals; resin based; body 11 x 5 x 0.7 mm
0
2.5
5 mm
scale
D
Dh
Eh
E
e
e1
e2
9.5
3.5
0.5
L
L1
v
0.1
w
y
0.05
0.05
y1
0.1
terminal 1
index area
B
A
D
E
X
C
y
C
y1
detail X
A
e2
e
1/2 e
29
28
20
48
1
21
49
56
b
e1
e
1/2 e
A
C
B
v M
C
w M
Dh
Eh
L1
L
- - -
- - -
- - -
07-09-19
07-12-01



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com