Electronic Components Datasheet Search
  English  ▼

X  

GTL2008 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # GTL2008
Description  12-bit GTL to LVTTL translator with power good control and high-impedance LVTTL and GTL outputs
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

GTL2008 Datasheet(HTML) 2 Page - NXP Semiconductors

  GTL2008 Datasheet HTML 1Page - NXP Semiconductors GTL2008 Datasheet HTML 2Page - NXP Semiconductors GTL2008 Datasheet HTML 3Page - NXP Semiconductors GTL2008 Datasheet HTML 4Page - NXP Semiconductors GTL2008 Datasheet HTML 5Page - NXP Semiconductors GTL2008 Datasheet HTML 6Page - NXP Semiconductors GTL2008 Datasheet HTML 7Page - NXP Semiconductors GTL2008 Datasheet HTML 8Page - NXP Semiconductors GTL2008 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
GTL2008_4
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 04 — 19 February 2010
2 of 22
NXP Semiconductors
GTL2008
GTL translator with power good control and high-impedance outputs
Latch-up testing is done to JEDEC Standard JESD78 Class II, Level A which exceeds
500 mA
Package offered: TSSOP28
3.
Quick reference data
4.
Ordering information
Table 1.
Quick reference data
Tamb =25 °C
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Cio
input/output capacitance
A port; VO = 3.0 V or 0 V
-
2.5
3.5
pF
B port; VO =VTT or 0 V
-
1.5
2.5
pF
Vref =0.73V; VTT =1.1 V
tPLH
LOW to HIGH
propagation delay
nA to nBI; see Figure 4
14
8
ns
nBI to nA or nAO (open-drain outputs);
see Figure 14
213
18
ns
tPHL
HIGH to LOW
propagation delay
nA to nBI; see Figure 4
2
5.5
10
ns
nBI to nA or nAO (open-drain outputs);
see Figure 14
2
4
10
ns
Vref =0.76V; VTT =1.2 V
tPLH
LOW to HIGH
propagation delay
nA to nBI; see Figure 4
14
8
ns
nBI to nA or nAO (open-drain outputs);
see Figure 14
213
18
ns
tPHL
HIGH to LOW
propagation delay
nA to nBI; see Figure 4
2
5.5
10
ns
nBI to nA or nAO (open-drain outputs);
see Figure 14
2
4
10
ns
Table 2.
Ordering information
Tamb = −40 °Cto +85 °C
Type
number
Topside
mark
Package
Name
Description
Version
GTL2008PW
GTL2008
TSSOP28
plastic thin shrink small outline package; 28 leads; body width 4.4 mm
SOT361-1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com