Electronic Components Datasheet Search
  English  ▼

X  

GTL2008 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # GTL2008
Description  12-bit GTL to LVTTL translator with power good control and high-impedance LVTTL and GTL outputs
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

GTL2008 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button GTL2008 Datasheet HTML 4Page - NXP Semiconductors GTL2008 Datasheet HTML 5Page - NXP Semiconductors GTL2008 Datasheet HTML 6Page - NXP Semiconductors GTL2008 Datasheet HTML 7Page - NXP Semiconductors GTL2008 Datasheet HTML 8Page - NXP Semiconductors GTL2008 Datasheet HTML 9Page - NXP Semiconductors GTL2008 Datasheet HTML 10Page - NXP Semiconductors GTL2008 Datasheet HTML 11Page - NXP Semiconductors GTL2008 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
GTL2008_4
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 04 — 19 February 2010
8 of 22
NXP Semiconductors
GTL2008
GTL translator with power good control and high-impedance outputs
9.
Limiting values
[1]
The input and output negative voltage ratings may be exceeded if the input and output clamp current ratings are observed.
[2]
Current into any output in the LOW state.
[3]
Current into any output in the HIGH state.
[4]
The performance capability of a high-performance integrated circuit in conjunction with its thermal environment can create junction
temperatures which are detrimental to reliability. The maximum junction temperature of this integrated circuit should not exceed 150
°C.
10. Recommended operating conditions
Table 10.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Voltages are referenced to GND (ground = 0 V).
Symbol
Parameter
Conditions
Min
Max
Unit
VCC
supply voltage
−0.5
+4.6
V
IIK
input clamping current
VI <0V
-
−50
mA
VI
input voltage
A port (LVTTL)
−0.5[1]
+4.6
V
B port (GTL)
−0.5[1]
+4.6
V
IOK
output clamping current
VO <0V
-
−50
mA
VO
output voltage
output in OFF or HIGH state; A port
−0.5[1]
+4.6
V
output in OFF or HIGH state; B port
−0.5[1]
+4.6
V
IOL
LOW-level output current[2]
A port
-
32
mA
B port
-
30
mA
IOH
HIGH-level output current[3]
A port
-
−32
mA
Tstg
storage temperature
−60
+150
°C
Tj(max)
maximum junction temperature
[4] -+125
°C
Table 11.
Operating conditions
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VCC
supply voltage
3.0
3.3
3.6
V
VTT
termination voltage
GTL
-
1.2
-
V
Vref
reference voltage
GTL
0.64
0.8
1.1
V
VI
input voltage
A port
0
3.3
3.6
V
B port
0
VTT
3.6
V
VIH
HIGH-level input voltage
A port and ENn
2
-
-
V
B port
Vref +0.050
-
-
V
VIL
LOW-level input voltage
A port and ENn
-
-
0.8
V
B port
-
-
Vref − 0.050
V
IOH
HIGH-level output current
A port
-
-
−16
mA
IOL
LOW-level output current
A port
-
-
16
mA
B port
-
-
15
mA
Tamb
ambient temperature
operating in free-air
−40
-
+85
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com