Electronic Components Datasheet Search
  English  ▼

X  

GTL2008 Datasheet(PDF) 13 Page - NXP Semiconductors

Part # GTL2008
Description  12-bit GTL to LVTTL translator with power good control and high-impedance LVTTL and GTL outputs
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

GTL2008 Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button GTL2008 Datasheet HTML 9Page - NXP Semiconductors GTL2008 Datasheet HTML 10Page - NXP Semiconductors GTL2008 Datasheet HTML 11Page - NXP Semiconductors GTL2008 Datasheet HTML 12Page - NXP Semiconductors GTL2008 Datasheet HTML 13Page - NXP Semiconductors GTL2008 Datasheet HTML 14Page - NXP Semiconductors GTL2008 Datasheet HTML 15Page - NXP Semiconductors GTL2008 Datasheet HTML 16Page - NXP Semiconductors GTL2008 Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
GTL2008_4
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 04 — 19 February 2010
13 of 22
NXP Semiconductors
GTL2008
GTL translator with power good control and high-impedance outputs
Fig 9.
11BI to 11A
Fig 10. 11A to 11BO
Fig 11. EN2 to 9AO
002aac196
VTT
0 V
VOH
VOL
tPLZ
tPZL
Vref
Vref
input
output
1.5 V
VOL + 0.3 V
002aac197
3.0 V
0 V
VTT
VOL
tPLH
tPHL
Vref
Vref
1.5 V
1.5 V
input
output
002aab980
3.0 V
0 V
VOH
VOL
tPHZ
tPZH
1.5 V
1.5 V
input
output
1.5 V
VOL + 0.3 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com