Electronic Components Datasheet Search
  English  ▼

X  

ADS1246IPW Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # ADS1246IPW
Description  24-Bit Analog-to-Digital Converters for Temperature Sensors
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS1246IPW Datasheet(HTML) 16 Page - Texas Instruments

Back Button ADS1246IPW Datasheet HTML 12Page - Texas Instruments ADS1246IPW Datasheet HTML 13Page - Texas Instruments ADS1246IPW Datasheet HTML 14Page - Texas Instruments ADS1246IPW Datasheet HTML 15Page - Texas Instruments ADS1246IPW Datasheet HTML 16Page - Texas Instruments ADS1246IPW Datasheet HTML 17Page - Texas Instruments ADS1246IPW Datasheet HTML 18Page - Texas Instruments ADS1246IPW Datasheet HTML 19Page - Texas Instruments ADS1246IPW Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 65 page
background image
1800
1600
1400
1200
1000
800
600
400
200
0
AVDD=5V
PGA=1
DataRate=20SPS
12kSamples
=13
s
(LSB)
1800
1600
1400
1200
1000
800
600
400
200
0
AVDD=5V
PGA=32
DataRate=20SPS
12kSamples
=19
s
(LSB)
1600
1400
1200
1000
800
600
400
200
0
AVDD=3.3V
PGA=1
DataRate=20SPS
12kSamples
=18.5
s
(LSB)
1400
1200
1000
800
600
400
200
0
AVDD=3.3V
PGA=32
DataRate=20SPS
12kSamples
=22
s
(LSB)
0.30
0.25
0.20
0.15
0.10
0.05
0
V
(%ofFSR)
IN
-100
-80
-60
-40
-20
100
20
40
60
80
AVDD=5V
PGA=32
DataRate=5SPS
0.30
0.25
0.20
0.15
0.10
0.05
0
V
(%ofFSR)
IN
-100
-80
-60
-40
-20
100
20
40
60
80
AVDD=3.3V
PGA=32
DataRate=5SPS
ADS1246
ADS1247
ADS1248
SBAS426D – AUGUST 2008 – REVISED MARCH 2010
www.ti.com
TYPICAL CHARACTERISTICS
At TA = +25°C, AVDD = 5V, VREF = 2.5V, and AVSS = 0V, unless otherwise noted.
NOISE HISTOGRAM PLOT
NOISE HISTOGRAM PLOT
Figure 5.
Figure 6.
NOISE HISTOGRAM PLOT
NOISE HISTOGRAM PLOT
Figure 7.
Figure 8.
RMS NOISE vs INPUT SIGNAL
RMS NOISE vs INPUT SIGNAL
Figure 9.
Figure 10.
16
Submit Documentation Feedback
Copyright © 2008–2010, Texas Instruments Incorporated
Product Folder Link(s): ADS1246 ADS1247 ADS1248



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com