Electronic Components Datasheet Search
  English  ▼

X  

ADS1246IPW Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # ADS1246IPW
Description  24-Bit Analog-to-Digital Converters for Temperature Sensors
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS1246IPW Datasheet(HTML) 21 Page - Texas Instruments

Back Button ADS1246IPW Datasheet HTML 17Page - Texas Instruments ADS1246IPW Datasheet HTML 18Page - Texas Instruments ADS1246IPW Datasheet HTML 19Page - Texas Instruments ADS1246IPW Datasheet HTML 20Page - Texas Instruments ADS1246IPW Datasheet HTML 21Page - Texas Instruments ADS1246IPW Datasheet HTML 22Page - Texas Instruments ADS1246IPW Datasheet HTML 23Page - Texas Instruments ADS1246IPW Datasheet HTML 24Page - Texas Instruments ADS1246IPW Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 65 page
background image
8
6
4
2
0
-2
-4
-6
-8
V
(%ofFSR)
IN
-100
-50
0
50
100
PGA=128
DataRate=20SPS
-40°C
+25 C
°
+105 C
°
-10°C
8
6
4
2
0
-2
-4
-6
-8
V
(%ofFSR)
IN
-100
-50
0
50
100
PGA=1
DataRate=2kSPS
-
°
40 C
+25 C
°
+105 C
°
-
°
10 C
3.0
2.5
2.0
1.5
1.0
0.5
0
0.5
1.0
1.5
2.0
2.5
3.0
-
-
-
-
-
-
Temperature( C)
°
-
40
-
20
0
20
40
60
80
100
120
DVDD=5V
DVDD=3.3V
130
125
120
115
110
105
100
95
90
85
80
Temperature( C)
°
-40
-20
0
20
40
60
80
100
120
PGA=1
PGA=32
PGA=128
2.050
2.049
2.048
2.047
2.046
Temperature( C)
°
-40
-20
0
20
40
60
80
100
120
14Units
1.002
1.001
1.000
0.999
0.998
0.997
0.996
0.995
0.994
0.993
0.992
0.991
AVDD(V)
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
750 A
m
250 A
m
1.5mA
500 A
m
100 A
m
1mA
50 A
m
IDACCurrentSettings
ADS1246
ADS1247
ADS1248
www.ti.com
SBAS426D – AUGUST 2008 – REVISED MARCH 2010
TYPICAL CHARACTERISTICS (continued)
At TA = +25°C, AVDD = 5V, VREF = 2.5V, and AVSS = 0V, unless otherwise noted.
INTEGRAL NONLINEARITY vs INPUT SIGNAL
INTEGRAL NONLINEARITY vs INPUT SIGNAL
Figure 35.
Figure 36.
DATA RATE ERROR vs TEMPERATURE
(Using Internal Oscillator)
CMRR vs TEMPERATURE
Figure 37.
Figure 38.
INTERNAL VREF vs TEMPERATURE
IDAC LINE REGULATION
Figure 39.
Figure 40.
Copyright © 2008–2010, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Link(s): ADS1246 ADS1247 ADS1248



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com