Electronic Components Datasheet Search
  English  ▼

X  

ADS1246IPW Datasheet(PDF) 19 Page - Texas Instruments

Click here to check the latest version.
Part # ADS1246IPW
Description  24-Bit Analog-to-Digital Converters for Temperature Sensors
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS1246IPW Datasheet(HTML) 19 Page - Texas Instruments

Back Button ADS1246IPW Datasheet HTML 15Page - Texas Instruments ADS1246IPW Datasheet HTML 16Page - Texas Instruments ADS1246IPW Datasheet HTML 17Page - Texas Instruments ADS1246IPW Datasheet HTML 18Page - Texas Instruments ADS1246IPW Datasheet HTML 19Page - Texas Instruments ADS1246IPW Datasheet HTML 20Page - Texas Instruments ADS1246IPW Datasheet HTML 21Page - Texas Instruments ADS1246IPW Datasheet HTML 22Page - Texas Instruments ADS1246IPW Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 65 page
background image
0.04
0.03
0.02
0.01
0
0.01
0.02
0.03
0.04
-
-
-
-
Temperature( C)
°
-
40
-
20
0
20
40
60
80
100
120
AVDD=3.3V
DataRate=20SPS
PGA=1
PGA=32
PGA=128
0.04
0.03
0.02
0.01
0
0.01
0.02
0.03
0.04
-
-
-
-
Temperature( C)
°
-
40
-
20
0
20
40
60
80
100
120
AVDD=3.3V
DataRate=160SPS
PGA=1
PGA=32
PGA=128
0.05
0.04
0.03
0.02
0.01
0
0.01
0.02
0.03
0.04
0.05
-
-
-
-
-
Temperature( C)
°
-
40
-
20
0
20
40
60
80
100
120
AVDD=3.3V
DataRate=640SPS
PGA=1
PGA=32
PGA=128
0.05
0.04
0.03
0.02
0.01
0
0.01
0.02
0.03
0.04
0.05
-
-
-
-
-
Temperature( C)
°
-
40
-
20
0
20
40
60
80
100
120
AVDD=3.3V
DataRate=2kSPS
PGA=1
PGA=32
PGA=128
600
550
500
450
400
350
300
250
200
150
100
DataRate(SPS)
5
10
20
40
80
160
320
640 1000 2000
AVDD=5V
AVDD=3.3V
290
270
250
230
210
190
170
DataRate(SPS)
5
10
20
40
80
160
320
640 1000 2000
DVDD=3.3V
DVDD=5V
ADS1246
ADS1247
ADS1248
www.ti.com
SBAS426D – AUGUST 2008 – REVISED MARCH 2010
TYPICAL CHARACTERISTICS (continued)
At TA = +25°C, AVDD = 5V, VREF = 2.5V, and AVSS = 0V, unless otherwise noted.
GAIN vs TEMPERATURE
GAIN vs TEMPERATURE
Figure 23.
Figure 24.
GAIN vs TEMPERATURE
GAIN vs TEMPERATURE
Figure 25.
Figure 26.
ANALOG CURRENT vs DATA RATE
DIGITAL CURRENT vs DATA RATE
Figure 27.
Figure 28.
Copyright © 2008–2010, Texas Instruments Incorporated
Submit Documentation Feedback
19
Product Folder Link(s): ADS1246 ADS1247 ADS1248



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com