Electronic Components Datasheet Search
  English  ▼

X  

IP4060CX16 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # IP4060CX16
Description  High-speed MultiMediaCard interface filter with ESD protection to IEC 61000-4-2 level 4
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

IP4060CX16 Datasheet(HTML) 3 Page - NXP Semiconductors

  IP4060CX16 Datasheet HTML 1Page - NXP Semiconductors IP4060CX16 Datasheet HTML 2Page - NXP Semiconductors IP4060CX16 Datasheet HTML 3Page - NXP Semiconductors IP4060CX16 Datasheet HTML 4Page - NXP Semiconductors IP4060CX16 Datasheet HTML 5Page - NXP Semiconductors IP4060CX16 Datasheet HTML 6Page - NXP Semiconductors IP4060CX16 Datasheet HTML 7Page - NXP Semiconductors IP4060CX16 Datasheet HTML 8Page - NXP Semiconductors IP4060CX16 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
IP4060CX16LF_1
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 01 — 14 May 2009
3 of 10
NXP Semiconductors
IP4060CX16/LF
High-speed MultiMediaCard interface filter with ESD protection
4.
Functional diagram
5.
Limiting values
[1]
Device withstands at least 1000 pulses of
±8 kV contact discharges without degradation, according to the
IEC 61000-4-2 model.
Fig 2.
Schematic diagram IP4060CX16/LF
001aaj756
R1
R14
R13
R12
R11
R10
A2
A3
A4
A3
R2
A1
B4
R3
B2
C4
R4
B1
C3
R5
C1
D4
R6
D1
B3
C2
D2
IEC61000-4-2
level 4
protection pins
D3
Table 3.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
VI
input voltage
−
+5.0
V
VESD
electrostatic discharge
voltage
IEC 61000-4-2, level 4;
pins A1, A2, A3, B1, B2, C1
and D1 connected to ground
contact discharge
[1]
−15
+15
kV
air discharge
−15
+15
kV
IEC 61000-4-2, level 1;
all other pins connected to
ground
contact discharge
−2+2
kV
air discharge
−2+2
kV
Pch
channel power dissipation
-
20
mW
Ptot
total power dissipation
-
120
mW
Tstg
storage temperature
−55
+150
°C
Treflow(peak) peak reflow temperature
10 s maximum
-
260
°C
Tamb
ambient temperature
−30
+85
°C



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com