Electronic Components Datasheet Search
  English  ▼

X  

IP4060CX16 Datasheet(PDF) 1 Page - NXP Semiconductors

Part # IP4060CX16
Description  High-speed MultiMediaCard interface filter with ESD protection to IEC 61000-4-2 level 4
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

IP4060CX16 Datasheet(HTML) 1 Page - NXP Semiconductors

  IP4060CX16 Datasheet HTML 1Page - NXP Semiconductors IP4060CX16 Datasheet HTML 2Page - NXP Semiconductors IP4060CX16 Datasheet HTML 3Page - NXP Semiconductors IP4060CX16 Datasheet HTML 4Page - NXP Semiconductors IP4060CX16 Datasheet HTML 5Page - NXP Semiconductors IP4060CX16 Datasheet HTML 6Page - NXP Semiconductors IP4060CX16 Datasheet HTML 7Page - NXP Semiconductors IP4060CX16 Datasheet HTML 8Page - NXP Semiconductors IP4060CX16 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1.
Product profile
1.1 General description
The IP4060CX16/LF is a diode array with integrated EMI/RF filters and pull-up resistors,
which is designed to protect downstream components from ElectroStatic Discharge (ESD)
voltages up to
±15 kV, far exceeding IEC 61000-4-2 standard, level 4.
The IP4060CX16/LF is fabricated using monolithic silicon semiconductor technology
integrating 6 resistors and 13 pseudo back-to-back diodes in a single Wafer-Level
Chip-Scale Package (WLCSP) measuring only 1.96 mm by 1.97 mm.These features
make the IP4060CX16/LF ideal for applications using miniaturized components, such as
mobile phone handsets, cordless telephones and personal digital devices.
1.2 Features
I Pb-free
I High-speed MMC card specific ESD protection with integrated EMI/RF filters and
pull-up resistors for all channels
I All channels with ±15 kV ESD contact protection at input terminals exceeding
IEC 61000-4-2 standard level 4
I WLCSP with 0.5 mm pitch
1.3 Applications
I ElectroMagnetic Interference (EMI) and Radio-Frequency Interference (RFI) reduction
and downstream ESD protection for high-speed MultiMediaCards (MMC) in:
N Cellular and Personal Communication System (PCS) mobile handsets
N PC/notebook card readers
N Cordless telephones
N Wireless data (WAN/LAN) systems
N PDAs
IP4060CX16/LF
High-speed MultiMediaCard interface filter with ESD
protection to IEC 61000-4-2 level 4
Rev. 01 — 14 May 2009
Product data sheet


Similar Part No. - IP4060CX16

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
IP4064CX8 NXP-IP4064CX8 Datasheet
276Kb / 14P
Integrated SIM card passive filter array with ESD protection to IEC 61000-4-2 level 4
Rev. 02-11 February 2010
IP4064CX8/LF/P NXP-IP4064CX8/LF/P Datasheet
276Kb / 14P
Integrated SIM card passive filter array with ESD protection to IEC 61000-4-2 level 4
Rev. 02-11 February 2010
IP4064CX8LF NXP-IP4064CX8LF Datasheet
84Kb / 13P
Integrated SIM card passive filter array with ESD protection to IEC61000-4-2, level 4
Rev. 01-12 November 2007
More results

Similar Description - IP4060CX16

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
IP4041CX25 NXP-IP4041CX25 Datasheet
242Kb / 12P
10-channel integrated filter network with ESD input protection to IEC 61000-4-2 level 4
Rev. 01-12 February 2010
IP5306CX8 NXP-IP5306CX8 Datasheet
247Kb / 15P
Integrated differential microphone filter with ESD protection to IEC 61000-4-2 level 4
Rev. 01-12 February 2010
IP4337CX18 NXP-IP4337CX18 Datasheet
78Kb / 12P
7-channel integrated filter network with ESD input protection to IEC 61000-4-2 level 4
Rev. 02-20 August 2009
IP4350CX24 NXP-IP4350CX24 Datasheet
117Kb / 16P
9-channel SD memory card interface ESD protection filter to IEC 61000-4-2 level 4
Rev. 01-5 February 2010
IP4352CX24 NXP-IP4352CX24 Datasheet
139Kb / 13P
9-channel SD memory card interface filter with ESD protection to IEC 61000-4-2 level 4
Rev. 02-3 May 2010
PRTR5V0U6AS NXP-PRTR5V0U6AS Datasheet
57Kb / 7P
High speed interface ESD protection to IEC 61000-4-2 level 4
Rev. 01-18 February 2008
IP4234CZ6 NXP-IP4234CZ6 Datasheet
68Kb / 9P
Single USB 2.0 ESD protection to IEC 61000-4-2 level 4
Rev. 01-16 April 2009
IP4234CZ6 PHILIPS-IP4234CZ6_15 Datasheet
68Kb / 9P
Single USB 2.0 ESD protection to IEC 61000-4-2 level 4
Rev. 01-16 April 2009
logo
Nexperia B.V. All right...
IP4234CZ6 NEXPERIA-IP4234CZ6 Datasheet
190Kb / 11P
Single USB 2.0 ESD protection to IEC 61000-4-2 level 4
Rev. 3.0 - 31 January 2018
PRTR5V0U6AS NEXPERIA-PRTR5V0U6AS Datasheet
172Kb / 8P
High speed interface ESD protection to IEC 61000-4-2 level 4
Rev. 01 - 18 February 2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com