Electronic Components Datasheet Search
  English  ▼

X  

IP4060CX16 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # IP4060CX16
Description  High-speed MultiMediaCard interface filter with ESD protection to IEC 61000-4-2 level 4
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

IP4060CX16 Datasheet(HTML) 4 Page - NXP Semiconductors

  IP4060CX16 Datasheet HTML 1Page - NXP Semiconductors IP4060CX16 Datasheet HTML 2Page - NXP Semiconductors IP4060CX16 Datasheet HTML 3Page - NXP Semiconductors IP4060CX16 Datasheet HTML 4Page - NXP Semiconductors IP4060CX16 Datasheet HTML 5Page - NXP Semiconductors IP4060CX16 Datasheet HTML 6Page - NXP Semiconductors IP4060CX16 Datasheet HTML 7Page - NXP Semiconductors IP4060CX16 Datasheet HTML 8Page - NXP Semiconductors IP4060CX16 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
IP4060CX16LF_1
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 01 — 14 May 2009
4 of 10
NXP Semiconductors
IP4060CX16/LF
High-speed MultiMediaCard interface filter with ESD protection
6.
Characteristics
Table 4.
Channel characteristics
Tamb = 25 °C; unless otherwise specified.
Symbol Parameter
Conditions
Min
Typ
Max
Unit
Rs(ch)
channel series resistance
−30 °C<t
c < +85 °C
R1 to R6
40
50
60
Ω
R10 to R13
52.5
75
97.5
k
Ω
R14
4.9
7
9.1
k
Ω
Cch
channel capacitance
Vbias(DC) = 0 V; f = 1 MHz;
pin A3=+3V
-18
20
pF
VBR
breakdown voltage
Itest = +1 mA
7
-
10
V
Itest = −1 mA
−10 -
−7V
ILR
reverse leakage current
per diode pair
VI = +5 V
-
-
100
nA
VI = −5V
−100 -
-
nA



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com