Electronic Components Datasheet Search
  English  ▼

X  

CDCE62005RGZR Datasheet(PDF) 18 Page - Texas Instruments

Click here to check the latest version.
Part # CDCE62005RGZR
Description  Five/Ten Output Clock Generator/Jitter Cleaner With Integrated Dual VCOs
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDCE62005RGZR Datasheet(HTML) 18 Page - Texas Instruments

Back Button CDCE62005RGZR Datasheet HTML 14Page - Texas Instruments CDCE62005RGZR Datasheet HTML 15Page - Texas Instruments CDCE62005RGZR Datasheet HTML 16Page - Texas Instruments CDCE62005RGZR Datasheet HTML 17Page - Texas Instruments CDCE62005RGZR Datasheet HTML 18Page - Texas Instruments CDCE62005RGZR Datasheet HTML 19Page - Texas Instruments CDCE62005RGZR Datasheet HTML 20Page - Texas Instruments CDCE62005RGZR Datasheet HTML 21Page - Texas Instruments CDCE62005RGZR Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 80 page
background image
CDCE62005
SCAS862C – NOVEMBER 2008 – REVISED FEBRUARY 2010
www.ti.com
TIMING REQUIREMENTS
over recommended ranges of supply voltage, load and operating free air temperature (unless otherwise noted)
PARAMETER
MIN
TYP
MAX
UNIT
PRI_IN/SEC_IN_IN REQUIREMENTS
Maximum Clock Frequency Applied to PRI_IN & SEC_IN in fan-out mode
1500
MHz
Maximum Clock Frequency Applied to Smart Multiplexer input Divider
500
MHz
fmax
Maximum Clock Frequency Applied to Reference Divider
250
MHz
For Single ended Inputs ( LVCMOS) on PRI_IN and SEC_IN
250
MHz
Single duty cycle of PRI_IN or SEC_IN at VCC / 2
40%
60%
Differential duty cycle of PRI_IN or SEC_IN at VCC / 2
40%
60%
AUXILARY_IN REQUIREMENTS
fREF
Crystal single ended Inputs (AT-Cut Crystal Input)
2
42
MHz
PD, SYNC, REF_SEL REQUIREMENTS
tr/ tf
Rise and fall time of the PD, SYNC, REF_SEL signal from 20% to 80% of VCC
4
ns
18
Submit Documentation Feedback
Copyright © 2008–2010, Texas Instruments Incorporated
Product Folder Link(s) :CDCE62005



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com