Electronic Components Datasheet Search
  English  ▼

X  

CDCE62005RGZR Datasheet(PDF) 26 Page - Texas Instruments

Click here to check the latest version.
Part # CDCE62005RGZR
Description  Five/Ten Output Clock Generator/Jitter Cleaner With Integrated Dual VCOs
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDCE62005RGZR Datasheet(HTML) 26 Page - Texas Instruments

Back Button CDCE62005RGZR Datasheet HTML 22Page - Texas Instruments CDCE62005RGZR Datasheet HTML 23Page - Texas Instruments CDCE62005RGZR Datasheet HTML 24Page - Texas Instruments CDCE62005RGZR Datasheet HTML 25Page - Texas Instruments CDCE62005RGZR Datasheet HTML 26Page - Texas Instruments CDCE62005RGZR Datasheet HTML 27Page - Texas Instruments CDCE62005RGZR Datasheet HTML 28Page - Texas Instruments CDCE62005RGZR Datasheet HTML 29Page - Texas Instruments CDCE62005RGZR Datasheet HTML 30Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 80 page
background image
SPI_CLK
Bit0
Bit1
Bit29
Bit30
Bit31
SPI_LE
SPI_MOSI
SPI_ CLK
SPI_ MOSI
SPI_ MISO
SPI_LE
Bit
Bit0
Bit1
Bit2
Bit
30
31
CDCE62005
SCAS862C – NOVEMBER 2008 – REVISED FEBRUARY 2010
www.ti.com
Writing to the CDCE62005
Figure 20 illustrates a Write to RAM operation. Notice that the latching of the first data bit in the data stream (Bit
0) occurs on the first rising edge of SPI_CLK after SPI_LE transitions from a high to a low. For the CDCE62005,
data transitions occur on the falling edge of SPI_CLK. A rising edge on SPI_LE signals to the CDCE62005 that
the transmission of the last bit in the stream (Bit 31) has occurred.
Figure 20. CDCE62005 SPI Write Operation
Reading from the CDCE62005
Figure 21 shows how the CDCE62005 executes a Read Command. The SPI master first issues a Read
Command to initiate a data transfer from the CDCE62005 back to the host (see Table 6). This command
specifies the address of the register of interest. By transitioning SPI_LE from a low to a high, the CDCE62005
resolves the address specified in the appropriate bits of the data field. The host drives SPI_LE low and the
CDCE62005 presents the data present in the register specified in the Read Command on SPI_MISO.
Figure 21. CDCE62005 Read Operation
Writing to EEPROM
After the CDCE62005 detects a power-up and completes a reset cycle, it copies the contents of the on-board
EEPROM into the Device Registers. Therefore, the CDCE62005 initializes into a known state pre-defined by the
user. The host issues one of two special commands shown in Table 6 to copy the contents of Device Registers 0
through 7 (a total of 184 bits) into EERPOM. They include:
•
Copy RAM to EEPROM – Unlock, Execution of this command can happen many times.
•
Copy RAM to EEPROM – Lock: Execution of this command can happen only once; after which the EEPROM
is permanently locked.
After either command is initiated, power must remain stable and the host must not access the CDCE62005 for at
least 50 ms to allow the EEPROM to complete the write cycle and to avoid the possibility of EEPROM corruption.
26
Submit Documentation Feedback
Copyright © 2008–2010, Texas Instruments Incorporated
Product Folder Link(s) :CDCE62005



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com