Electronic Components Datasheet Search
  English  ▼

X  

CDCE62005RGZR Datasheet(PDF) 20 Page - Texas Instruments

Click here to check the latest version.
Part # CDCE62005RGZR
Description  Five/Ten Output Clock Generator/Jitter Cleaner With Integrated Dual VCOs
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDCE62005RGZR Datasheet(HTML) 20 Page - Texas Instruments

Back Button CDCE62005RGZR Datasheet HTML 16Page - Texas Instruments CDCE62005RGZR Datasheet HTML 17Page - Texas Instruments CDCE62005RGZR Datasheet HTML 18Page - Texas Instruments CDCE62005RGZR Datasheet HTML 19Page - Texas Instruments CDCE62005RGZR Datasheet HTML 20Page - Texas Instruments CDCE62005RGZR Datasheet HTML 21Page - Texas Instruments CDCE62005RGZR Datasheet HTML 22Page - Texas Instruments CDCE62005RGZR Datasheet HTML 23Page - Texas Instruments CDCE62005RGZR Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 80 page
background image
CDCE62005
SCAS862C – NOVEMBER 2008 – REVISED FEBRUARY 2010
www.ti.com
OUTPUT TO OUTPUT ISOLATION
Measurement Method
1. Connect output 2 to a spectrum analyzer. Disable Outputs 0, 1, 3, 4.
2. Measure spurious on Output 2.
3. Enable aggressor channels individually per Table 3.
4. Measure spurious on Output 2.
5. The difference between the spurious levels of Output 2 before and after enabling the aggressor channels
determine the output-to-output isolation performance recorded.
Table 3. Output to Output Isolation
M SPUR
Unit
The Output to Output Isolation was tested under following settings are 25°C
Output 2
Measured Channel
In LVPECL Signaling 15.5 MHz
–67
db
Output 2
Measured Channel
In LVPECL Signaling 93 MHz
–60
db
Output 2
Measured Channel
In LVPECL Signaling 930 MHz
–59
db
Output 0
Aggressor Channel
LVPECL 22.14 MHz
Output 1
Aggressor Channel
LVPECL 22.14 MHz
Output 3
Aggressor Channel
LVPECL 22.14 MHz
Output 4
Aggressor Channel
LVPECL 22.14 MHz
20
Submit Documentation Feedback
Copyright © 2008–2010, Texas Instruments Incorporated
Product Folder Link(s) :CDCE62005



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com