Electronic Components Datasheet Search
  English  ▼

X  

DRV8821 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # DRV8821
Description  DUAL STEPPER MOTOR CONTROLLER/DRIVER
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DRV8821 Datasheet(HTML) 4 Page - Texas Instruments

  DRV8821 Datasheet HTML 1Page - Texas Instruments DRV8821 Datasheet HTML 2Page - Texas Instruments DRV8821 Datasheet HTML 3Page - Texas Instruments DRV8821 Datasheet HTML 4Page - Texas Instruments DRV8821 Datasheet HTML 5Page - Texas Instruments DRV8821 Datasheet HTML 6Page - Texas Instruments DRV8821 Datasheet HTML 7Page - Texas Instruments DRV8821 Datasheet HTML 8Page - Texas Instruments DRV8821 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
28
27
26
25
24
23
22
21
20
ABDECAY
AOUT1
VM
VM
AOUT2
AISEN
ABSTEP
ABUSM0
ABDIR
ABVREF
BISEN
CDVREF
CDDECAY
ABENBLn
V3P3
BOUT2
BOUT1
CDSTEP
CDUSM0
CDDIR
CDENBLn
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
PGND
PGND
PGND
PGND
PGND
PGND
Solder these
pins to copper
heatsink area
PGND
PGND
PGND
PGND
PGND
VCP
CP2
CP1
VM
DOUT2
DISEN
DOUT1
VM
ABUSM1
ABRESETn
CISEN
COUT2
CDRESETn
COUT1
CDUSM1
PGND
Solder these
pins to copper
heatsink area
DRV8821
SLVS912C – JANUARY 2009 – REVISED JANUARY 2010
www.ti.com
DCA PACKAGE
ABSOLUTE MAXIMUM RATINGS
(1) (2)
over operating free-air temperature range (unless otherwise noted)
VM
Power supply voltage range
–0.3 to 34
V
VI
Logic input voltage range(3)
–0.5 to 5.75
V
IO(peak)
Peak motor drive output current, t < 1 ms
Internally limited
IO
Motor drive output current(4)
1.5
A
PD
Continuous total power dissipation
See Dissipation Ratings Table
TJ
Operating virtual junction temperature range
–40 to 150
°C
TA
Operating ambient temperature range
–40 to 85
°C
Tstg
Storage temperature range
–60 to 150
°C
(1)
Stresses beyond those listed under "absolute maximum ratings" may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under "recommended operating
conditions" is not implied. Exposure to absolute–maximum–rated conditions for extended periods may affect device reliability.
(2)
All voltage values are with respect to network ground terminal.
(3)
Input pins may be driven in this voltage range regardless of presence or absence of VM.
(4)
Power dissipation and thermal limits must be observed.
DISSIPATION RATINGS
DERATING FACTOR
BOARD
PACKAGE
RqJA
TA < 25°C
TA = 70°C
TA = 85°C
ABOVE TA = 25°C
Low-K(1)
75.7°C/W
13.2 mW/°C
1.65 W
1.06 W
0.86 W
Low-K(2)
32°C/W
31.3 mW/°C
3.91 W
2.50 W
2.03 W
DCA
High-K(3)
30.3°C/W
33 mW/°C
4.13 W
2.48 W
2.15 W
High-K(4)
22.3°C/W
44.8 mW/°C
5.61 W
3.59 W
2.91 W
(1)
The JEDEC Low-K board used to derive this data was a 76-mm x 114-mm, 2-layer, 1.6-mm thick PCB with no backside copper.
(2)
The JEDEC Low-K board used to derive this data was a 76-mm x 114-mm, 2-layer, 1.6-mm thick PCB with 25-cm2 2-oz copper on back
side.
(3)
The JEDEC High-K board used to derive this data was a 76-mm x 114-mm, 4-layer, 1.6-mm thick PCB with no backside copper and
solid 1-oz internal ground plane.
(4)
The JEDEC High-K board used to derive this data was a 76-mm x 114-mm, 4-layer, 1.6-mm thick PCB with 25-cm2 1-oz copper on back
side and solid 1-oz internal ground plane.
4
Submit Documentation Feedback
Copyright © 2009–2010, Texas Instruments Incorporated
Product Folder Link(s): DRV8821



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com