Electronic Components Datasheet Search
  English  ▼

X  

DRV8821 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # DRV8821
Description  DUAL STEPPER MOTOR CONTROLLER/DRIVER
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DRV8821 Datasheet(HTML) 10 Page - Texas Instruments

Back Button DRV8821 Datasheet HTML 6Page - Texas Instruments DRV8821 Datasheet HTML 7Page - Texas Instruments DRV8821 Datasheet HTML 8Page - Texas Instruments DRV8821 Datasheet HTML 9Page - Texas Instruments DRV8821 Datasheet HTML 10Page - Texas Instruments DRV8821 Datasheet HTML 11Page - Texas Instruments DRV8821 Datasheet HTML 12Page - Texas Instruments DRV8821 Datasheet HTML 13Page - Texas Instruments DRV8821 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
DRV8821
SLVS912C – JANUARY 2009 – REVISED JANUARY 2010
www.ti.com
AOUTx
BOUTx
FULL STEP
½ STEP
1/4 STEP
1/8 STEP
STEP ANGLE
CURRENT
CURRENT
xUSM = 00
xUSM = 01
xUSM = 10
xUSM = 11
(DEGREES)
(% FULL-SCALE) (% FULL-SCALE)
1
1
1
100
0
0
2
98
20
11.25
2
3
92
38
22.5
4
83
56
33.75
1
2
3
5
71
71
45 (home state)
6
56
83
56.25
4
7
38
92
67.5
8
20
98
78.75
3
5
9
0
100
90
10
–20
98
101.25
6
11
–38
92
112.5
12
–56
83
123.75
2
4
7
13
–71
71
135
14
–83
56
146.25
8
15
–92
38
157.5
16
–98
20
168.75
5
9
17
–100
0
180
18
–98
–20
191.25
10
19
–92
–38
202.5
20
–83
–56
213.75
3
6
11
21
–71
–71
225
22
–56
–83
236.25
12
23
–38
–92
247.5
24
–20
–98
258.75
7
13
25
0
–100
270
26
20
–98
281.25
14
27
38
–92
292.5
28
56
–83
303.75
4
8
15
29
71
–71
315
30
83
–56
326.25
16
31
92
–38
337.5
32
98
–20
348.75
xRESETn and xENBLn Operation
The xRESETn pin, when driven active low, resets the step table to the home position. It also disables the
H-bridge drivers. The xSTEP input is ignored while xRESETn is active. Note that there is a separate xRESETn
pin for each motor; each acts only on one of the two motor controllers.
The xENABLEn pin is used to control the output drivers. When xENBLn is low, the output H-bridges are enabled.
When xENBLn is high, the H-bridges are disabled and the outputs are in a high-impedance state.. Note that
there is a separate xENBLn pin for each motor; each acts only on one of the two motor drivers.
Note that when xENBLn is high, the input pins and control logic, including the indexer (xSTEP and xDIR pins) are
still functional.
Driving both ABENBLn and CDENBLn high will put the device into a low power sleep state. In this state, the
H-bridges are disabled, the gate drive charge pump is stopped, and all internal clocks are stopped. In this state
all inputs are ignored until one or both of the xENBLn pits return active low.
10
Submit Documentation Feedback
Copyright © 2009–2010, Texas Instruments Incorporated
Product Folder Link(s): DRV8821



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com