Electronic Components Datasheet Search
  English  ▼

X  

DRV8821 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # DRV8821
Description  DUAL STEPPER MOTOR CONTROLLER/DRIVER
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DRV8821 Datasheet(HTML) 1 Page - Texas Instruments

  DRV8821 Datasheet HTML 1Page - Texas Instruments DRV8821 Datasheet HTML 2Page - Texas Instruments DRV8821 Datasheet HTML 3Page - Texas Instruments DRV8821 Datasheet HTML 4Page - Texas Instruments DRV8821 Datasheet HTML 5Page - Texas Instruments DRV8821 Datasheet HTML 6Page - Texas Instruments DRV8821 Datasheet HTML 7Page - Texas Instruments DRV8821 Datasheet HTML 8Page - Texas Instruments DRV8821 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
DRV8821
www.ti.com
SLVS912C – JANUARY 2009 – REVISED JANUARY 2010
DUAL STEPPER MOTOR CONTROLLER/DRIVER
Check for Samples: DRV8821
1
FEATURES
•
Simple Step/Direction Interface
2
•
Dual PWM microstepping motor driver
•
Fully Protected Against Undervoltage,
Overtemperature, and Overcurrent
–
Built-In Microstepping Indexers
•
Thermally Enhanced Surface Mount Package
–
Up to 1.5-A Current Per Winding
–
Three-Bit Winding Current Control Allows
APPLICATIONS
up to Eight Current Levels
•
Printers
–
Low MOSFET On-Resistance
•
Scanners
–
Selectable Slow or Mixed Decay Modes
•
Office Automation Machines
•
8-V to 32-V Operating Supply Voltage Range
•
Gaming Machines
•
Internal Charge Pump for Gate Drive
•
Factory Automation
•
Built-in 3.3-V Reference
•
Robotics
DESCRIPTION/ORDERING INFORMATION
The DRV8821 provides a dual microstepping-capable stepper motor controller/driver solution for printers,
scanners, and other office automation equipment applications.
Two independent stepper motor driver circuits include four H-bridge drivers and microstepping-capable indexer
logic. Each of the motor driver blocks employ N-channel power MOSFETs configured as an H-bridge to drive the
motor windings.
A simple step/direction interface allows easy interfacing to controller circuits. Pins allow configuration of the
motor in full-step, half-step, quarter-step, or eighth step modes, and the selection of slow or mixed decay modes.
Internal shutdown functions are provided for over current protection, short circuit protection, under voltage
lockout and overtemperature.
The DRV8821 is packaged in a 48-pin HTSSOP package (Eco-friendly : RoHS & no Sb/Br).
ORDERING INFORMATION(1)
TA
PACKAGE(2)
ORDERABLE PART NUMBER
TOP-SIDE MARKING
Reel of 2000
DRV8821DCAR
–40°C to 85°C
PowerPad™ (HTSSOP) - DCA
DRV8821
Tube of 40
DRV8821DCA
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
web site at www.ti.com.
(2)
Package drawings, thermal data, and symbolization are available at www.ti.com/packaging.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
PowerPad, PowerPAD are trademarks of Texas Instruments.
PRODUCTION DATA information is current as of publication date.
Copyright © 2009–2010, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - DRV8821

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV8821 TI-DRV8821 Datasheet
401Kb / 17P
DUAL STEPPER MOTOR CONTROLLER/DRIVER
DRV8821 TI-DRV8821 Datasheet
337Kb / 16P
DUAL STEPPER MOTOR CONTROLLER/DRIVER
DRV8821 TI-DRV8821 Datasheet
664Kb / 20P
DUAL STEPPER MOTOR CONTROLLER/DRIVER
DRV8821 TI2-DRV8821 Datasheet
4Mb / 32P
DRV8821 Dual Stepper Motor Controller and Driver
REVISED JANUARY 2016
DRV8821DCA TI-DRV8821DCA Datasheet
401Kb / 17P
DUAL STEPPER MOTOR CONTROLLER/DRIVER
More results

Similar Description - DRV8821

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM3517 NJRC-NJM3517 Datasheet
187Kb / 12P
STEPPER MOTOR CONTROLLER / DRIVER
NJM3771 NJRC-NJM3771 Datasheet
169Kb / 9P
DUAL STEPPER MOTOR DRIVER
NJM3772 NJRC-NJM3772 Datasheet
162Kb / 9P
DUAL STEPPER MOTOR DRIVER
NJM3773 NJRC-NJM3773 Datasheet
170Kb / 9P
DUAL STEPPER MOTOR DRIVER
logo
Ericsson
PBL3775-1 ERICSSON-PBL3775-1 Datasheet
161Kb / 8P
Dual Stepper Motor Driver
logo
Texas Instruments
DRV8821 TI-DRV8821 Datasheet
401Kb / 17P
DUAL STEPPER MOTOR CONTROLLER/DRIVER
DRV8821 TI-DRV8821_10 Datasheet
337Kb / 16P
DUAL STEPPER MOTOR CONTROLLER/DRIVER
DRV8821_1007 TI-DRV8821_1007 Datasheet
664Kb / 20P
DUAL STEPPER MOTOR CONTROLLER/DRIVER
DRV8821 TI-DRV8821_15 Datasheet
877Kb / 23P
DUAL STEPPER MOTOR CONTROLLER/DRIVER
DRV8821 TI1-DRV8821_16 Datasheet
4Mb / 32P
Dual Stepper Motor Controller and Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com