Electronic Components Datasheet Search
  English  ▼

X  

KMA200 Datasheet(PDF) 12 Page - NXP Semiconductors

Part # KMA200
Description  Programmable angle sensor
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

KMA200 Datasheet(HTML) 12 Page - NXP Semiconductors

Back Button KMA200 Datasheet HTML 8Page - NXP Semiconductors KMA200 Datasheet HTML 9Page - NXP Semiconductors KMA200 Datasheet HTML 10Page - NXP Semiconductors KMA200 Datasheet HTML 11Page - NXP Semiconductors KMA200 Datasheet HTML 12Page - NXP Semiconductors KMA200 Datasheet HTML 13Page - NXP Semiconductors KMA200 Datasheet HTML 14Page - NXP Semiconductors KMA200 Datasheet HTML 15Page - NXP Semiconductors KMA200 Datasheet HTML 16Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 32 page
background image
KMA200_7
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 07 — 18 July 2008
12 of 32
NXP Semiconductors
KMA200
Programmable angle sensor
9.
Limiting values
Table 6.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
VDD
supply voltage
pin VDD versus GND
−16.5
+26.5
V
at t < 400 ms
-
32
V
VX
voltage on pins
CS, DATA/OUT1, CLK/OUT2
versus GND
0
100
%VDD
Tamb
ambient temperature
< 1000 hours in life time at 160
°C
−40
+160
°C
Tamb(pr)
programming ambient temperature
EEPROM
10
70
°C
Tstg
storage temperature
−50
+150
°C
EEPROM
tret
retention time
Tmax(AV) =50 °C
17
-
year
Nendu(W_ER) write or erase endurance
Tmax(AV) =70 °C for programming
-
500
cycle



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com