Electronic Components Datasheet Search
  English  ▼

X  

KMA200 Datasheet(PDF) 17 Page - NXP Semiconductors

Part # KMA200
Description  Programmable angle sensor
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

KMA200 Datasheet(HTML) 17 Page - NXP Semiconductors

Back Button KMA200 Datasheet HTML 13Page - NXP Semiconductors KMA200 Datasheet HTML 14Page - NXP Semiconductors KMA200 Datasheet HTML 15Page - NXP Semiconductors KMA200 Datasheet HTML 16Page - NXP Semiconductors KMA200 Datasheet HTML 17Page - NXP Semiconductors KMA200 Datasheet HTML 18Page - NXP Semiconductors KMA200 Datasheet HTML 19Page - NXP Semiconductors KMA200 Datasheet HTML 20Page - NXP Semiconductors KMA200 Datasheet HTML 21Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 32 page
background image
KMA200_7
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 07 — 18 July 2008
17 of 32
NXP Semiconductors
KMA200
Programmable angle sensor
11. Error codes
Standard digital output:
(1)
Temperature =
−50 °C + T[6:0] × 2 °C
Complement digital output:
(2)
Temperature =
−50 °C+ T[6:0] × 2 °C
Table 8.
Error codes
A[1:0]
Description
Angle valid
00
diagnosis error
no
01
diagnosis error (input stage)
no
10
over-temperature warning
yes
11
(not occupied)
-
a
A[12:0]
180
°
213
-----------
A[12:0] 0.022
°
⋅
≈
⋅
=
a
A[12:0]
180
°
213
-----------
⋅
A[12:0] 0.022
°
⋅
≈
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com