Electronic Components Datasheet Search
  English  ▼

X  

LPC2102 Datasheet(PDF) 17 Page - NXP Semiconductors

Part # LPC2102
Description  Single-chip 16-bit/32-bit microcontrollers; 8 kB/16 kB/32 kB flash with ISP/IAP, fast ports and 10-bit ADC
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC2102 Datasheet(HTML) 17 Page - NXP Semiconductors

Back Button LPC2102 Datasheet HTML 13Page - NXP Semiconductors LPC2102 Datasheet HTML 14Page - NXP Semiconductors LPC2102 Datasheet HTML 15Page - NXP Semiconductors LPC2102 Datasheet HTML 16Page - NXP Semiconductors LPC2102 Datasheet HTML 17Page - NXP Semiconductors LPC2102 Datasheet HTML 18Page - NXP Semiconductors LPC2102 Datasheet HTML 19Page - NXP Semiconductors LPC2102 Datasheet HTML 20Page - NXP Semiconductors LPC2102 Datasheet HTML 21Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 37 page
background image
LPC2101_02_03_4
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 04 — 2 June 2009
17 of 37
NXP Semiconductors
LPC2101/02/03
Single-chip 16-bit/32-bit microcontrollers
• Incorrect/Incomplete feed sequence causes reset/interrupt if enabled.
• Flag to indicate watchdog reset.
• Programmable 32-bit timer with internal pre-scaler.
• Selectable time period from (TPCLK × 256 × 4) to (TPCLK × 232 × 4) in multiples of
TPCLK × 4.
6.16 Real-time clock
The Real-Time Clock (RTC) is designed to provide a set of counters to measure time
when normal or idle operating mode is selected. The RTC has been designed to use little
power, making it suitable for battery powered systems where the CPU is not running
continuously (Idle mode).
6.16.1 Features
• Measures the passage of time to maintain a calendar and clock.
• Ultra-low power design to support battery powered systems.
• Provides Seconds, Minutes, Hours, Day of Month, Month, Year, Day of Week, and Day
of Year.
• Can use either the RTC dedicated 32 kHz oscillator input or clock derived from the
external crystal/oscillator input at XTAL1. The programmable reference clock divider
allows fine adjustment of the RTC.
• Dedicated power supply pin can be connected to a battery or the main 3.3 V.
6.17 System control
6.17.1 Crystal oscillator
The on-chip integrated oscillator operates with external crystal in range of 1 MHz to
25 MHz. The oscillator output frequency is called fosc and the ARM processor clock
frequency is referred to as CCLK for purposes of rate equations, etc. fosc and CCLK are
the same value unless the PLL is running and connected. Refer to Section 6.17.2 “PLL”
and Section 10.1 “XTAL1 input” for additional information.
6.17.2 PLL
The PLL accepts an input clock frequency in the range of 10 MHz to 25 MHz. The input
frequency is multiplied up into the range of 10 MHz to 70 MHz with a Current Controlled
Oscillator (CCO). The multiplier can be an integer value from 1 to 32 (in practice, the
multiplier value cannot be higher than 6 on this family of microcontrollers due to the upper
frequency limit of the CPU). The CCO operates in the range of 156 MHz to 320 MHz, so
there is an additional divider in the loop to keep the CCO within its frequency range while
the PLL is providing the desired output frequency. The output divider may be set to divide
by 2, 4, 8, or 16 to produce the output clock. Since the minimum output divider value is 2,
it is insured that the PLL output has a 50 % duty cycle. The PLL is turned off and
bypassed following a chip reset and may be enabled by software. The program must
configure and activate the PLL, wait for the PLL to lock, and then connect to the PLL as a
clock source. The PLL settling time is 100
µs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com