Electronic Components Datasheet Search
  English  ▼

X  

LPC2102 Datasheet(PDF) 23 Page - NXP Semiconductors

Part # LPC2102
Description  Single-chip 16-bit/32-bit microcontrollers; 8 kB/16 kB/32 kB flash with ISP/IAP, fast ports and 10-bit ADC
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC2102 Datasheet(HTML) 23 Page - NXP Semiconductors

Back Button LPC2102 Datasheet HTML 19Page - NXP Semiconductors LPC2102 Datasheet HTML 20Page - NXP Semiconductors LPC2102 Datasheet HTML 21Page - NXP Semiconductors LPC2102 Datasheet HTML 22Page - NXP Semiconductors LPC2102 Datasheet HTML 23Page - NXP Semiconductors LPC2102 Datasheet HTML 24Page - NXP Semiconductors LPC2102 Datasheet HTML 25Page - NXP Semiconductors LPC2102 Datasheet HTML 26Page - NXP Semiconductors LPC2102 Datasheet HTML 27Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 37 page
background image
LPC2101_02_03_4
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 04 — 2 June 2009
23 of 37
NXP Semiconductors
LPC2101/02/03
Single-chip 16-bit/32-bit microcontrollers
8.
Static characteristics
Table 5.
Static characteristics
Tamb= −40 °C to +85 °C for commercial applications, unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ[1]
Max
Unit
VDD(1V8)
supply voltage
(1.8 V)
[2] 1.65
1.8
1.95
V
VDD(3V3)
supply voltage
(3.3 V)
[3] 2.6[4]
3.3
3.6
V
VDDA
analog 3.3 V pad
supply voltage
2.6[5]
3.3
3.6
V
Vi(VBAT)
input voltage on pin
VBAT
2.0[6]
3.3
3.6
V
Standard port pins, RST, RTCK
IIL
LOW-level input
current
VI = 0 V; no pull-up
-
-
3
µA
IIH
HIGH-level input
current
VI =VDD(3V3); no pull-down
-
-
3
µA
IOZ
OFF-state output
current
VO =0V, VO =VDD(3V3); no
pull-up/down
--
3
µA
Ilatch
I/O latch-up current
−(0.5VDD(3V3)) < VI < (1.5VDD(3V3));
Tj < 125 °C
-
-
100
mA
VI
input voltage
pin configured to provide a digital
function; VDD(3V3) and VDDA ≥ 3.0 V
[7][8]
[9]
0
-
5.5
V
pin configured to provide a digital
function; VDD(3V3) and VDDA < 3.0 V
[7][8]
[9]
0VDD(3V3)
V
VO
output voltage
output active
0
-
VDD(3V3)
V
VIH
HIGH-level input
voltage
2.0
-
-
V
VIL
LOW-level input
voltage
-
-
0.8
V
Vhys
hysteresis voltage
0.4
-
-
V
VOH
HIGH-level output
voltage
IOH = −4mA
[10] VDD(3V3) − 0.4 -
-
V
VOL
LOW-level output
voltage
IOL = −4mA
[10] -
-
0.4
V
IOH
HIGH-level output
current
VOH =VDD(3V3) − 0.4 V
[10]
−4-
-
mA
IOL
LOW-level output
current
VOL = 0.4 V
[10] 4-
-
mA
IOHS
HIGH-level
short-circuit output
current
VOH =0V
[11] --
−45
mA
IOLS
LOW-level
short-circuit output
current
VOL =VDDA
[11] -
-
50
mA
Ipd
pull-down current
VI =5V[12]
10
50
150
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com