Electronic Components Datasheet Search
  English  ▼

X  

LPC2102 Datasheet(PDF) 1 Page - NXP Semiconductors

Part # LPC2102
Description  Single-chip 16-bit/32-bit microcontrollers; 8 kB/16 kB/32 kB flash with ISP/IAP, fast ports and 10-bit ADC
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC2102 Datasheet(HTML) 1 Page - NXP Semiconductors

  LPC2102 Datasheet HTML 1Page - NXP Semiconductors LPC2102 Datasheet HTML 2Page - NXP Semiconductors LPC2102 Datasheet HTML 3Page - NXP Semiconductors LPC2102 Datasheet HTML 4Page - NXP Semiconductors LPC2102 Datasheet HTML 5Page - NXP Semiconductors LPC2102 Datasheet HTML 6Page - NXP Semiconductors LPC2102 Datasheet HTML 7Page - NXP Semiconductors LPC2102 Datasheet HTML 8Page - NXP Semiconductors LPC2102 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 37 page
background image
1.
General description
The LPC2101/02/03 microcontrollers are based on a 16-bit/32-bit ARM7TDMI-S CPU with
real-time emulation that combines the microcontroller with 8 kB, 16 kB or 32 kB of
embedded high-speed flash memory. A 128-bit wide memory interface and a unique
accelerator architecture enable 32-bit code execution at the maximum clock rate. For
critical performance in interrupt service routines and DSP algorithms, this increases
performance up to 30 % over Thumb mode. For critical code size applications, the
alternative 16-bit Thumb mode reduces code by more than 30 % with minimal
performance penalty.
Due to their tiny size and low power consumption, the LPC2101/02/03 are ideal for
applications where miniaturization is a key requirement. A blend of serial communications
interfaces ranging from multiple UARTs, SPI to SSP and two I2C-buses, combined with
on-chip SRAM of 2 kB/4 kB/8 kB, make these devices very well suited for communication
gateways and protocol converters. The superior performance also makes these devices
suitable for use as math coprocessors. Various 32-bit and 16-bit timers, an improved
10-bit ADC, PWM features through output match on all timers, and 32 fast GPIO lines with
up to nine edge or level sensitive external interrupt pins make these microcontrollers
particularly suitable for industrial control and medical systems.
2.
Features
2.1 Enhanced features
Enhanced features are available in parts LPC2101/02/03 labelled Revision A and higher:
I Deep power-down mode with option to retain SRAM memory and/or RTC.
I Three levels of flash Code Read Protection (CRP) implemented.
2.2 Key features
I 16-bit/32-bit ARM7TDMI-S microcontroller in tiny LQFP48 and HVQFN48 packages.
I 2 kB/4 kB/8 kB of on-chip static RAM and 8 kB/16 kB/32 kB of on-chip flash program
memory. 128-bit wide interface/accelerator enables high-speed 70 MHz operation.
I ISP/IAP via on-chip bootloader software. Single flash sector or full chip erase in
100 ms and programming of 256 bytes in 1 ms.
I EmbeddedICE-RT offers real-time debugging with the on-chip RealMonitor software.
I The 10-bit ADC provides eight analog inputs, with conversion times as low as 2.44 µs
per channel and dedicated result registers to minimize interrupt overhead.
I Two 32-bit timers/external event counters with combined seven capture and seven
compare channels.
LPC2101/02/03
Single-chip 16-bit/32-bit microcontrollers; 8 kB/16 kB/32 kB
flash with ISP/IAP, fast ports and 10-bit ADC
Rev. 04 — 2 June 2009
Product data sheet


Similar Part No. - LPC2102

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
LPC2102 PHILIPS-LPC2102 Datasheet
160Kb / 32P
Single-chip 16-bit/32-bit microcontrollers; 8 kB/16 kB/32 kB flash with ISP/IAP, fast ports and 10-bit ADC
Rev. 01-18 January 2006
LPC2102 NXP-LPC2102 Datasheet
167Kb / 32P
Single-chip 16-bit/32-bit microcontrollers; 8 kB/16 kB/32 kB flash with ISP/IAP, fast ports and 10-bit ADC
Rev. 03-7 October 2008
LPC2102 NXP-LPC2102 Datasheet
4Mb / 12P
NXP Microcontrollers Selection Guide
November 2012
LPC2102FBD48 PHILIPS-LPC2102FBD48 Datasheet
160Kb / 32P
Single-chip 16-bit/32-bit microcontrollers; 8 kB/16 kB/32 kB flash with ISP/IAP, fast ports and 10-bit ADC
Rev. 01-18 January 2006
LPC2102FBD48 NXP-LPC2102FBD48 Datasheet
167Kb / 32P
Single-chip 16-bit/32-bit microcontrollers; 8 kB/16 kB/32 kB flash with ISP/IAP, fast ports and 10-bit ADC
Rev. 03-7 October 2008
More results

Similar Description - LPC2102

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
LPC2104 PHILIPS-LPC2104 Datasheet
155Kb / 32P
Single-chip 32-bit microcontrollers; 128 kB ISP/IAP Flash with 64 kB/32 kB/16 kB RAM
Rev. 04-05 February 2004
LPC2101 PHILIPS-LPC2101 Datasheet
160Kb / 32P
Single-chip 16-bit/32-bit microcontrollers; 8 kB/16 kB/32 kB flash with ISP/IAP, fast ports and 10-bit ADC
Rev. 01-18 January 2006
LPC2101 NXP-LPC2101 Datasheet
167Kb / 32P
Single-chip 16-bit/32-bit microcontrollers; 8 kB/16 kB/32 kB flash with ISP/IAP, fast ports and 10-bit ADC
Rev. 03-7 October 2008
LPC2104 NXP-LPC2104 Datasheet
200Kb / 41P
Single-chip 32-bit microcontrollers; 128 kB ISP/IAP flash with 16/32/64 kB RAM
Rev. 07-20 June 2008
LPC2114 NXP-LPC2114_11 Datasheet
309Kb / 42P
Single-chip 16/32-bit microcontrollers; 128/256 kB ISP/IAP flash with 10-bit ADC
Rev. 7-10 June 2011
LPC2103FBD48.151 NXP-LPC2103FBD48.151 Datasheet
203Kb / 37P
Single-chip 16-bit/32-bit microcontrollers; 8 kB/16 kB/32 kB flash with ISP/IAP, fast ports and 10-bit ADC
Rev. 04-2 June 2009
LPC2106BBD48.151 NXP-LPC2106BBD48.151 Datasheet
200Kb / 41P
Single-chip 32-bit microcontrollers; 128 kB ISP/IAP flash with 16/32/64 kB RAM
Rev. 07-20 June 2008
LPC2101 PHILIPS-LPC2101_15 Datasheet
203Kb / 37P
Single-chip 16-bit/32-bit microcontrollers; 8 kB/16 kB/32 kB flash with ISP/IAP, fast ports and 10-bit ADC
Rev. 04-2 June 2009
LPC2104 PHILIPS-LPC2104_15 Datasheet
200Kb / 41P
Single-chip 32-bit microcontrollers; 128 kB ISP/IAP flash with 16/32/64 kB RAM
Rev. 07-20 June 2008
LPC2114 PHILIPS-LPC2114_15 Datasheet
309Kb / 42P
Single-chip 16/32-bit microcontrollers; 128/256 kB ISP/IAP flash with 10-bit ADC
Rev. 7-10 June 2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com